Electronic Components Datasheet Search
  English  ▼

X  

TES2N Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TES2N
Description  DC/DC Converters TES 2N Series, 2 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TES2N Datasheet(HTML) 1 Page - TRACO Electronic AG

  TES2N Datasheet HTML 1Page - TRACO Electronic AG TES2N Datasheet HTML 2Page - TRACO Electronic AG TES2N Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
TES 2N Series, 2 Watt
Features
◆
Low profile SMD-package
◆
Wide 2:1 input voltage range
◆
I/O isolation 1500 VDC
◆
Input filter meets EN55022, class A
◆
Operating temperature range
–40°C to +85°C
◆
Short-circuit protection
◆
Qualified for leadfree reflow solder
process according IPC J-STD-020D.1
◆
Available in tape and reel package
◆
Bears washing process
◆
3-year product warranty
Ordercode
Input voltage range
Output voltage
Output current max.
Efficiency typ.
TES 2N-0510
3.3 VDC
500 mA
70 %
TES 2N-0511
5 VDC
400 mA
73 %
TES 2N-0512
4.5 – 9.0 VDC
12VDC
165 mA
75 %
TES 2N-0513
(nominal 5 VDC)
15 VDC
135 mA
73 %
TES 2N-0521
± 5 VDC
±200 mA
64 %
TES 2N-0522
±12 VDC
±85 mA
69 %
TES 2N-0523
±15 VDC
±65 mA
71 %
TES 2N-1210
3.3 VDC
500 mA
73 %
TES 2N-1211
5 VDC
400 mA
77 %
TES 2N-1212
9 – 18 VDC
12 VDC
165 mA
80 %
TES 2N-1213
(nominal 12 VDC)
15 VDC
135 mA
80 %
TES 2N-1221
±5 VDC
±200 mA
73 %
TES 2N-1222
±12 VDC
±85 mA
78 %
TES 2N-1223
±15 VDC
±65 mA
78 %
TES 2N-2410
3.3 VDC
500 mA
72 %
TES 2N-2411
5 VDC
400 mA
77 %
TES 2N-2412
18 – 36 VDC
12 VDC
165 mA
80 %
TES 2N-2413
(nominal 24 VDC)
15 VDC
135 mA
81 %
TES 2N-2421
±5 VDC
±200 mA
74 %
TES 2N-2422
±12 VDC
±85 mA
78 %
TES 2N-2423
±15 VDC
±65 mA
80 %
TES 2N-4810
3.3 VDC
500 mA
71 %
TES 2N-4811
5 VDC
400 mA
73 %
TES 2N-4812
36 – 75 VDC
12 VDC
165 mA
79 %
TES 2N-4813
(nominal 48 VDC)
15 VDC
135 mA
79 %
TES 2N-4821
± 5 VDC
±200 mA
71 %
TES 2N-4822
±12 VDC
±85 mA
77 %
TES 2N-4823
±15 VDC
±65 mA
77 %
Models
The TES-2N series is a family of high performance 2W DC/DC converter modules
featuring wide 2:1 input voltage ranges. The 28 models come in a low profile SMD
package which requires just 3 cm2 space on the PCB. A high efficiency allows an
operating temperature range of –40°C to +85°C. A built-in EMI input filter complies
with EN 55022, class A. Typical applications for these converters are battery ope-
rated equipment, instrumentation, communication and industrial electronics, every-
where where isolated, tightly regulated voltages are required.
UL 60950-1
CB
Scheme


Similar Part No. - TES2N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TES2-0510H TRACOPOWER-TES2-0510H Datasheet
840Kb / 5P
TES 2H Series, 2 Watt
Rev. November 30, 2022
TES2-0511H TRACOPOWER-TES2-0511H Datasheet
840Kb / 5P
TES 2H Series, 2 Watt
Rev. November 30, 2022
TES2-0511M TRACOPOWER-TES2-0511M Datasheet
908Kb / 4P
TES 2M Series, 2 Watt
Rev. November 30, 2022
TES2-0512H TRACOPOWER-TES2-0512H Datasheet
840Kb / 5P
TES 2H Series, 2 Watt
Rev. November 30, 2022
TES2-0512M TRACOPOWER-TES2-0512M Datasheet
908Kb / 4P
TES 2M Series, 2 Watt
Rev. November 30, 2022
More results

Similar Description - TES2N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
2 watt dc-dc converters
logo
TRACO Electronic AG
TEL2 TRACOPOWER-TEL2 Datasheet
209Kb / 3P
DC/DC Converters TEL 2 Series, 2 Watt
Rev. March 6, 2023
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
TES3 TRACOPOWER-TES3 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
TSH TRACOPOWER-TSH Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com