Electronic Components Datasheet Search
  English  ▼

X  

TON15 Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TON15
Description  DC/DC Converters TON 15 Series, 15 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TON15 Datasheet(HTML) 1 Page - TRACO Electronic AG

  TON15 Datasheet HTML 1Page - TRACO Electronic AG TON15 Datasheet HTML 2Page - TRACO Electronic AG TON15 Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
TON 15 Series, 15 Watt
Features
◆
Ultra compact 15W converter
◆
Cost efficient open frame design with
industry standard pin-out
◆
Surface-mount (SM) and through-hole
version
◆
I/O isolation voltage 2250V, rated for
basic insulation
◆
Extended operating temperature
range –40°C to +85°C
◆
Remote On/Off
◆
Under voltage lockout
◆
Lead free design, RoHS compliant
◆
3-years product warranty
The TON-15 series is a new generation of high performance 15W dc-dc convert-
ers with wide input voltage range and precisely regulated output voltage. The ultra
compact open frame design with industry standard pin-out provides the designer
now a 50% smaller, cost efficient alternative to existing 10 to 15W converters in
the market. Built-in filters for both input and output minimize the need for external
filtering.
Further features include remote On/Off, output voltage trimming, over voltage
protection and short circuit protection. Typical applications are distributed power
systems, instrumentation and industrial electronics, everywhere where space on the
PCB is a critical factor.
Order code
Input voltage range
Output voltage
Output current max.
Efficiency typ.
TON 15-2410
3.3 VDC
3‘500 mA
86 %
TON 15-2411
18 – 36 VDC
5.0 VDC
3‘000 mA
87 %
TON 15-2412
(nominal 24 VDC)
12 VDC
1‘250 mA
87 %
TON 15-2413
15 VDC
1’000 mA
88 %
TON 15-4810
3.3 VDC
3‘500 mA
85 %
TON 15-4811
36 – 75 VDC
5.0 VDC
3‘000 mA
87 %
TON 15-4812
(nominal 48 VDC)
12 VDC
1‘250 mA
87 %
TON 15-4813
15 VDC
1’000 mA
88 %
Models
Add suffix SM for surface mount version
UL 60950-1


Similar Part No. - TON15

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TON15-2410WI TRACOPOWER-TON15-2410WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
TON15-2411WI TRACOPOWER-TON15-2411WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
TON15-2412WI TRACOPOWER-TON15-2412WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
TON15-2413WI TRACOPOWER-TON15-2413WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
TON15-4810WI TRACOPOWER-TON15-4810WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
More results

Similar Description - TON15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
15 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
AIMTEC
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
15 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
15 watt dc-dc converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
15 Watt DC-DC Converters
logo
TRACO Electronic AG
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TON15WI TRACOPOWER-TON15WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com