Electronic Components Datasheet Search
  English  ▼

X  

TOP60 Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TOP60
Description  AC/DC Power Supplies TOP 60 Series, 60 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TOP60 Datasheet(HTML) 3 Page - TRACO Electronic AG

  TOP60 Datasheet HTML 1Page - TRACO Electronic AG TOP60 Datasheet HTML 2Page - TRACO Electronic AG TOP60 Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
Page 3 of 3
Rev. September 16, 2022
Dimensions
AC/DC Power Supplies
TOP-60 Series
60 Watt
AC IN
OUT
3.75 (95.3)
4.0 (101.6)
Pillars (not included) for connection to protective earth (PE)
Height: 0.2 min. (5.0), Diam.: 0.25 max. (6.0)
To comply with EN 55022 class B:
Field ground (FG) and protective earth (PE)
are to be connected to chassis
1
6
J1
J2
1
PE
FG
Pin
Single output
Dual output
Triple output
1
+Vout 1
Vout 1
Vout 1
2
+Vout 1
Vout 1
Vout 1
3
–Vout 1
com.
com.
4
–Vout 1
com.
com.
5
NC
NC
Vout 3
6
NC
Vout 2
Vout 2
Output J2
Pin
Function
1
AC in
2
AC in
Input J1
J2: Molex Series 41791
mates with Molex crimp terminal: 08-52-0072
and terminal housing: 09-50-3061
NC = Not connected
Dimensions in Inch, () = mm
General Specifications
Electromagnetic compatibility– Conducted input RI suppression
EN 55022 class B, FCC Part 15 class B
(EMC), Emissions
– Harmonic current emissions
IEC/EN 61000-3-2, class A & D
Isolation voltage
– Input / Output
4000 VAC
– Input / Field Ground
1500 VAC
– Output / Field Ground
500 VAC
Reliability /calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>400’000 h
Safety standards
– Information technology equipment
IEC/EN/UL 62368-1
IEC/EN 60950-1
– Certification documents
www.tracopower.com/overview/top60
Environment
– Vibration acc. IEC 60068-2-6;
3 axis, sine sweep, 10-55Hz, 1g, 1oct/min
– Shock acc. IEC 60068-2-27
3 axis, 15g half sine, 11msShock
20 G (3 directions each 3 times)
Connection
pin connector (Molex)
Weight
205 g (7.23 oz)
J1: Molex Series 41791
mates with Molex crimp terminal: 08-52-0072
and terminal housing: 09-50-3031



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com