Electronic Components Datasheet Search
  English  ▼

X  

TSV Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TSV
Description  DC/DC Converters TSV Series, 1 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TSV Datasheet(HTML) 2 Page - TRACO Electronic AG

  TSV Datasheet HTML 1Page - TRACO Electronic AG TSV Datasheet HTML 2Page - TRACO Electronic AG TSV Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
Page 2 of 3
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
TSV Series
1 Watt
Input Specifications
Input current no load / full load
5 Vin models: 30 mA / 260 mA typ.
12 Vin models: 12 mA / 110 mA typ.
24 Vin models:
7 mA / 55 mA typ.
Surge voltage (1 sec. max.)
5 Vin models:
9 V max.
12 Vin models: 18 V max.
24 Vin models: 30 V max.
Reflected input ripple current*
can be reduced by ext. 1–3.3 µF polyester film
capacitor
Input filter
internal capacitor
Output Specifications
Voltage set accuracy
±4 % max.
Voltage balance (dual output models, balanced load)
1 % max.
Regulation
– Input variation
1.2 % / 1% change Vin
– Load variation 20 – 100 %
10 % max.
Ripple and noise (20 MHz Bandwidth)
75 mV pk-pk max.
Temperature coefficient
±0.02 %/K
Short circuit protection
limited 0.5 sec. max.
Capacitive load
5 VDC single output models: 33 µF max.
5 VDC dual output model: 10 µF max.
12/15 VDC single output models: 4.7 µF max.
12/15 VDC dual output models: 2.2 µF max.
General Specifications
Temperature ranges
– Operating
–40°C to +85°C (no derating)
– Case temperature
+105°C max.
– Storage
–40°C to +105°C
Humidity (non condensing)
95 % rel H max.
Reliability, calculated MTTF (MIL-HDBK-217F, @ +25°C, ground benign)
>2’000’000 h
Isolation voltage (Input/Output, 60 sec.)
3‘000 VDC
Isolation capacitance (Input/Output)
60 pF typ.
Isolation resistance (Input/Output)
>10‘000 M Ohm (500VDC)
Switching frequency
100 kHz typ. (frequency modulation)
Frequency change over line and load
±30 % max.
Physical Specifications
Casing material
non conductive FR4 (UL 94V-0 rated)
Package weight
2.2 g (0.07 oz)
Reflow soldering profile
peak temp. 245°C (10 sec. max.)
217°C for 90 sec. max. Convection reflow
solder process is recommended
Packaging information
www.tracopower.com/overview/tsv



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com