Electronic Components Datasheet Search
  English  ▼

X  

AD5764 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5764
Description  Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5764 Datasheet HTML 15Page - Analog Devices AD5764 Datasheet HTML 16Page - Analog Devices AD5764 Datasheet HTML 17Page - Analog Devices AD5764 Datasheet HTML 18Page - Analog Devices AD5764 Datasheet HTML 19Page - Analog Devices AD5764 Datasheet HTML 20Page - Analog Devices AD5764 Datasheet HTML 21Page - Analog Devices AD5764 Datasheet HTML 22Page - Analog Devices AD5764 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AD5764
Preliminary Technical Data
Rev. PrC 21-Oct-04| Page 20 of 28
Table 6. Input Register Format
MSB
LSB
R/W
0
REG2
REG1
REG0
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 7. Input Register Bit Functions
R/W
Indicates a read from or a write to the addressed register.
REG2, REG1, REG0
Used in association with the address bits to determine if a read or write operation is to the data register, offset
register, gain register, or function register.
REG2
REG1
REG0
Function
0
0
0
Function Register
0
1
0
Data Register
0
1
1
Coarse Gain Register
1
0
0
Fine Gain Register
1
0
1
Offset Register
A2, A1, A0
These bits are used to decode the DAC channels
A2
A1
A0
Channel Address
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
0
0
ALL DACs
D15 – D0
Data Bits
FUNCTION REGISTER
The Function Register is addressed by setting the three REG bits to 000. The values written to the address bits and the data bits determine
the function addressed. The Functions available through the function register are shown in Table 8 and Table 9.
Table 8. Function Register Options
REG2
REG1
REG0
A2
A1
A0
D15 …. D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
NOP, Data = Don’t Care
0
0
0
0
0
1
Don’t Care
Local-
Ground-
Offset Adjust
D1
Direction
D1 Value
D0
Direction
D0
Value
SDO
Disable
0
0
0
1
0
0
CLR, Data = Don’t Care
0
0
0
1
0
1
LOAD, Data = Don’t Care
Table 9. Explanation of Function Register Options
NOP
No operation instruction used in readback operations.
Local-Ground-
Offset Adjust
Set by the user to enable local-ground-offset adjust function.
Cleared by the user to disable local-ground-offset adjust function (default).
D0 / D1
Direction
Set by the user to enable D0/D1 as outputs.
Cleared by the user to enable D0/D1 as inputs (default). Have weak internal pull-ups.
D0 / D1 Value
I/O port status bits. Logic values written to these locations determine the logic outputs on the D0 and D1 pins when
configured as outputs. These bits indicate the status of the D0 and D1 pins when the I/O port is active as an input. When
enabled as inputs, these bits are don’t cares during a write operation.
SDO Disable
Set by the user to disable the SDO output.
Cleared by the user to enable the SDO output (default).
CLR
Addressing this function resets the DAC outputs to 0 V in twos complement mode and negative full scale in binary
mode.
LOAD
Addressing this function updates the DAC registers and consequently the analog outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com