Electronic Components Datasheet Search
  English  ▼

X  

SER0002 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SER0002
Description  Hitec HS422 Servo
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SER0002 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SER0002 Datasheet HTML 1Page - List of Unclassifed Manufacturers SER0002 Datasheet HTML 2Page - List of Unclassifed Manufacturers SER0002 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A = .780” (19.82mm=0.78in)
B = .530” (13.47mm=0.53in)
C = 1.33” (33.79mm=1.33in)
D = .400” (10.17mm=0.4in)
E = .380” (9.66mm=0.38in)
F = 1.19” (30.22mm=1.19in)
G = .460” (11.68mm=0.46in)
H = 1.05” (26.67mm=1.05in)
J = 2.08” (52.84mm=2.08in)
K = .368” (9.35mm=0.37in)
L = .172” (4.38mm=0.17in)
M = 1.57” (39.88mm=1.57in)
X = .120” (3.05mm=0.12in)
SHIPPING LIST
Hitec HS422 Servo x1
https://www.dfrobot.com/product-152.html 5-30-17



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com