Electronic Components Datasheet Search
  English  ▼

X  

DC0802012U2B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DC0802012U2B
Description  DC FANS FAN AXIAL 38X20MM 12VDC WIRE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC0802012U2B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DC0802012U2B Datasheet HTML 1Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 2Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 3Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 4Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 5Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 6Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 7Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 8Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Wakefield-Vette
Revision A.3
DC FANS
General Fan Specifications
Operation Temperature:
-10C to +70C (+14F to +158F)
Storage Temperature:
-40C to +70C (-40F to +158F)
Bearing System Life:
2 Ball Bearing: L10 - 70k hrs @ 40C
Materials:
Black PBT(UL94V0), Glass Filled
Lead Wires:
Rating: UL1007 or UL1571, 80C
AWG: 24 or 26 or 28
Wire Length: 300mm +/- 10mm
3 Wire Standard: Red(+), Black(-), Yellow(Tach/FG)
4th wire Optional: Blue (PWM)
Insulation Resistance:
Standard: 10MΩ at 500VDC Minimum(frame to leads)
Dielectric Strength
Standard: 500VAC(50/60Hz) for 60 seconds with 1mA trip current allowable
between frame and leads
Noise Data:
All noise readings are taken in dBA at 1meter from air intake side,
fan suspended in a semi-anechoic chamber (<16 dBA max)
Protection:
Locked Rotor (Meets UL standard 72 hr test)
Reversed Polarity
Shock and Vibration:
Shock: Meets 100G at 2ms, half sine, X, Y, and Z axis
Vibration: Meets the amplitude of vibration :0.38mm
Frequency: 5-55 Hz
Duration: 60min / axis
Direction: X.Y.Z axis
Selection Guide
Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com