Electronic Components Datasheet Search
  English  ▼

X  

DC0802012M2B Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # DC0802012M2B
Description  DC FANS FAN AXIAL 38X20MM 12VDC WIRE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC0802012M2B Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DC0802012M2B Datasheet HTML 29Page - List of Unclassifed Manufacturers DC0802012M2B Datasheet HTML 30Page - List of Unclassifed Manufacturers DC0802012M2B Datasheet HTML 31Page - List of Unclassifed Manufacturers DC0802012M2B Datasheet HTML 32Page - List of Unclassifed Manufacturers DC0802012M2B Datasheet HTML 33Page - List of Unclassifed Manufacturers DC0802012M2B Datasheet HTML 34Page - List of Unclassifed Manufacturers DC0802012M2B Datasheet HTML 35Page - List of Unclassifed Manufacturers DC0802012M2B Datasheet HTML 36Page - List of Unclassifed Manufacturers DC0802012M2B Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Wakefield-Vette
Revision A.3
DC FANS
Description
Size
(mm)
Thickness
(mm)
Rated Voltage
(VDC)
Rated
Current (A)
Rated
Power (W)
Rated Speed
(RPM)
Speed
Code
Max Airflow
(CFM)
Max Pressure
(InAq)
Noise Level
(dB/A)
Tach PWM
DC0803212W2B
80
32
12
0.95
11.4
6800
W
86.7
0.89
54
3
B
DC0803212H2B
80
32
12
0.50
6.0
5500
H
69.1
0.61
48
3
B
DC0803212M2B
80
32
12
0.35
4.2
4800
M
60.4
0.45
45
3
B
DC0803212L2B
80
32
12
0.20
2.4
4000
L
49.7
0.35
39
3
B
DC0803212J2B
80
32
12
0.15
1.8
3000
J
38.2
0.20
31
3
B
•
MOTOR : DC single phase brushless motor
•
FRAME : PBT (94V-0) ; IMPELLER : PBT(94V-0)
•
OPERATING TEMP.: -10°C~70°C
•
STORAGE TEMP.: -40°C~70°C
•
WEIGHT : 120g
•
Dual Ball Bearing
•
Lead Length: 300mm +/- 10mm
•
2 Wire: Standard
•
3 Wire: Tach (FG) Optional
•
4 Wire: PWM Optional
Page 33
80x80x32mm
See page 6 for termination configurations and typical ordering configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com