Electronic Components Datasheet Search
  English  ▼

X  

74HC93D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC93D
Description  4-bit binary ripple counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC93D Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC93D Datasheet HTML 1Page - NXP Semiconductors 74HC93D Datasheet HTML 2Page - NXP Semiconductors 74HC93D Datasheet HTML 3Page - NXP Semiconductors 74HC93D Datasheet HTML 4Page - NXP Semiconductors 74HC93D Datasheet HTML 5Page - NXP Semiconductors 74HC93D Datasheet HTML 6Page - NXP Semiconductors 74HC93D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
4-bit binary ripple counter
74HC/HCT93
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP0 to Q0
41
15
12
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
CP1 to Q1
49
16
13
135
27
23
170
34
29
205
41
35
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
CP1 to Q2
61
22
18
185
37
31
230
46
39
280
56
48
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
CP1 to Q3
80
29
23
245
49
42
305
61
52
370
71
63
ns
2.0
4.5
6.0
Fig.6
tPHL
propagation delay
MRn to Qn
50
18
14
155
31
26
195
39
33
235
47
40
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
trem
removal time
MRn to CP0, CP1
50
10
9
8
3
2
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.7
tW
pulse width
CP0, CP1
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tW
master reset pulse width
MRn
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
fmax
maximum clock pulse
frequency
CP0, CP1
6.0
30
35
30
91
108
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com