Electronic Components Datasheet Search
  English  ▼

X  

74HC9015DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC9015DB
Description  Nine wide Schmitt trigger buffer/line driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC9015DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC9015DB Datasheet HTML 1Page - NXP Semiconductors 74HC9015DB Datasheet HTML 2Page - NXP Semiconductors 74HC9015DB Datasheet HTML 3Page - NXP Semiconductors 74HC9015DB Datasheet HTML 4Page - NXP Semiconductors 74HC9015DB Datasheet HTML 5Page - NXP Semiconductors 74HC9015DB Datasheet HTML 6Page - NXP Semiconductors 74HC9015DB Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer/line driver
74HC/HCT9015
FEATURES
• Schmitt trigger action on all data inputs
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT9015 are high-speed Si-gate CMOS
devices and are pin compatible with low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT9015 are nine wide Schmitt trigger
buffer/line drivers with Schmitt trigger inputs. These inputs
transform slowly changing input signals into sharply
defined jitter-free output signals.
The “9015” is identical to the “9014” but has non-inverting
inputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay An to Yn
CL = 15 pF; VCC = 5 V
12
13
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per buffer
notes 1 and 2
30
32
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com