Electronic Components Datasheet Search
  English  ▼

X  

LX200 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LX200
Description  Flexible single and muliple outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LX200 Datasheet(HTML) 3 Page - Artesyn Technologies

  LX200 Datasheet HTML 1Page - Artesyn Technologies LX200 Datasheet HTML 2Page - Artesyn Technologies LX200 Datasheet HTML 3Page - Artesyn Technologies LX200 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SIGNALS
1
8
A
A
A
A
A
115
115
ALL DIMENSIONS IN INCHES (mm)
A
A
A
A
INPUT
SYSTEM
O. K. LED
OUTPUT
A
9.18 (233.2)
7.15 (181.6)
1.02
(25.9)
8.52 (216.4)
.42
(10.7)
Mechanical notes
A
Input and output connectors are 15 way terminal block, 5mm pitch.
Signals board option is 8 way, single row right angle 0.1”, Molex
910210128, this mates with 90147 1108 or equivalent.
B
Customer fixing screws (A) are M3 isometric. They must not penetrate into
unit by more than 5mm.
International Safety Standard Approvals
Multiple output and 24V Single output units are approved to these
standards. Safety approval pending for 48V output model. See Note 7
EN60950/VDE0805 Reg. File No. 90371
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C/LR101320
50W
200W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
DERATING CURVE (See Notes 1 & 2)
Output Power (Watts)
NATURAL
CONVECTION
COOLING
10% MIN. LOAD FOR AUXILIARY REGULATION
0W
300W
PEAK OUTPUT
POWER
200 Watt
AC/DC universal input switch mode power supplies
AC/DC POWER SUPPLIES
|
200W AC
PAGE 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com