Electronic Components Datasheet Search
  English  ▼

X  

WCGT Datasheet(PDF) 1 Page - Bertech.

Part # WCGT
Description  Conductive Grid Tape RoHS Compliant
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

WCGT Datasheet(HTML) 1 Page - Bertech.

  WCGT Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product for any
particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is ultimately the
responsibility of the customer to determine a product’s suitability for a particular application.
Conductive Grid Tape
RoHS Compliant
WCGT Series
Three Layer Conductive Grid Tapes provide non-sparking surfaces both inside and outside. A conductive grid is
buried between two static dissipating copolymer substrates that will not shed, crack, flake, or rub off.
Product Features:
•
Static Dissipative
•
Acrylic Based Adhesive
•
1.9 Mil Thick Material
•
3” Core
•
108 ft. long roll
Applications:
•
Packaging requiring EMI shielding
•
Sealing ESD packaging and containers
•
Used on a grounded tape dispenser, voltage generated by unrolling will effectively be reduced
to zero.
•
Used as ESD symbols for ESD awareness
•
Secure (bundle) IC DIP tubes
TYPICAL PHYSICAL PROPERTIES (1)
(1)
Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.
Color
Brown with ESD symbol
Adhesion Type
Acrylic based
Thickness
1.9 Mil
Grid Material
Oriented Polypropylene
Conductive Grid Layer
103 to 104 Ohms/Sq
Copolymer resistivity
< 109 Ohms/Sq.
Maximum Temperature
600 C (1400 F)
Tensile Strength
160 N/mm sq
Elongation
50 %
Static Decay
0.5 Seconds


Similar Part No. - WCGT

ManufacturerPart #DatasheetDescription
logo
Whirlpool.
WCGK3030P WHIRLPOOL-WCGK3030P Datasheet
855Kb / 7P
WHIRLPOOL® GAS COOKTOP
03/25
WCGK5030P WHIRLPOOL-WCGK5030P Datasheet
855Kb / 7P
WHIRLPOOL® GAS COOKTOP
03/25
WCGK5036P WHIRLPOOL-WCGK5036P Datasheet
1,019Kb / 7P
WHIRLPOOL® GAS COOKTOP
03/25
WCGK7030P WHIRLPOOL-WCGK7030P Datasheet
963Kb / 7P
WHIRLPOOL® GAS COOKTOP
03/25
WCGK7036P WHIRLPOOL-WCGK7036P Datasheet
1,019Kb / 7P
WHIRLPOOL® GAS COOKTOP
03/25
More results

Similar Description - WCGT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Bertech.
PPTB BERTECH-PPTB Datasheet
161Kb / 1P
Black Polyimide Masking Tape RoHS & REACH Compliant PPTB Series
PPTDE BERTECH-PPTDE Datasheet
160Kb / 1P
Double Sided Polyimide Tape RoHS & REACH Compliant PPTDE Series
ALTC BERTECH-ALTC Datasheet
110Kb / 1P
EMI-RFI Shielding Tape RoHS Compliant
CFT BERTECH-CFT Datasheet
435Kb / 1P
Copper Conductive Tape RoHS & REACH Compliant
PPTA BERTECH-PPTA Datasheet
106Kb / 1P
1 Mil Polyimide Tape RoHS Compliant PPTA Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com