Electronic Components Datasheet Search
  English  ▼

X  

LT8616 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8616
Description  65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8616 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8616 Datasheet HTML 12Page - Analog Devices LT8616 Datasheet HTML 13Page - Analog Devices LT8616 Datasheet HTML 14Page - Analog Devices LT8616 Datasheet HTML 15Page - Analog Devices LT8616 Datasheet HTML 16Page - Analog Devices LT8616 Datasheet HTML 17Page - Analog Devices LT8616 Datasheet HTML 18Page - Analog Devices LT8616 Datasheet HTML 19Page - Analog Devices LT8616 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LT8645S-2
16
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
For more detail and PCB design files refer to the Demo
Board guide for the LT8645S.
Note that large, switched currents flow in the LT8645S-2
VIN and GND pins and the input capacitors. The loops
formed by the input capacitors should be as small as
possible by placing the capacitors adjacent to the VIN and
GND pins. Capacitors with small case size such as 0603
or 0805 are optimal due to lowest parasitic inductance.
The input capacitors, along with the inductor and out-
put capacitors, should be placed on the same side of the
circuit board, and their connections should be made on
that layer. Place a local, unbroken ground plane under the
application circuit on the layer closest to the surface layer.
The SW and BOOST nodes should be as small as possible.
Finally, keep the FB and RT nodes small so that the ground
traces will shield them from the SW and BOOST nodes.
The exposed pads on the bottom of the package should be
soldered to the PCB to reduce thermal resistance to ambi-
ent. To keep thermal resistance low, extend the ground
plane from the GND pins as much as possible, and add
thermal vias to additional ground planes within the circuit
board and on the bottom side.
Burst Mode Operation
To enhance efficiency at light loads, the LT8645S-2 oper-
ates in low ripple Burst Mode operation, which keeps the
output capacitor charged to the desired output voltage
while minimizing the input quiescent current and min-
imizing output voltage ripple. In Burst Mode operation
the LT8645S-2 delivers single small pulses of current to
the output capacitor followed by sleep periods where the
output power is supplied by the output capacitor. While in
sleep mode the LT8645S-2 consumes 1.7μA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 2a) and the percent-
age of time the LT8645S-2 is in sleep mode increases,
resulting in much higher light load efficiency than for typ-
ical converters. By maximizing the time between pulses,
the LT8645S-2’s quiescent current approaches 2.5µA
for a typical application when there is no output load.
Therefore, to optimize the quiescent current performance
at light loads, the current in the feedback resistor divider
must be minimized as it appears to the output as load
current.
Figure 2. SW Frequency vs Load Information in Burst Mode Operation (2a) and Pulse-Skipping Mode (2b)
(2a)
(2b)
Burst Frequency
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
LOAD CURRENT (mA)
0
100
200
300
400
500
600
0
200
400
600
800
1000
1200
8645S F02a
Minimum Load to Full Frequency
(Pulse-Skipping Mode)
FRONT PAGE APPLICATION
VOUT = 5V
fSW = 1MHz
VSYNC = Float
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
0
50
100
150
200
250
300
350
400
8645S F02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com