Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8620
Description  65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8620 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8620 Datasheet HTML 17Page - Analog Devices LT8620 Datasheet HTML 18Page - Analog Devices LT8620 Datasheet HTML 19Page - Analog Devices LT8620 Datasheet HTML 20Page - Analog Devices LT8620 Datasheet HTML 21Page - Analog Devices LT8620 Datasheet HTML 22Page - Analog Devices LT8620 Datasheet HTML 23Page - Analog Devices LT8620 Datasheet HTML 24Page - Analog Devices LT8620 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8645S-2
21
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Input Capacitors
The VIN of the LT8645S-2 should be bypassed with at
least three ceramic capacitors for best performance. Two
small ceramic capacitors of 0.47µF should be placed
close to the part; one on each side of the device (CIN1,
CIN2). These capacitors should be 0603 or 0805 in size.
For automotive applications requiring 2 series input
capacitors, two small 0603 or 0805 may be placed at
each side of the LT8645S-2.
A third, larger ceramic capacitor of 4.7µF or larger should
be placed close to CIN1 or CIN2. See layout section for more
detail. X7R or X5R capacitors are recommended for best per-
formance across temperature and input voltage variations.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank cir-
cuit. If the LT8645S-2 circuit is plugged into a live sup-
ply, the input voltage can ring to twice its nominal value,
possibly exceeding the LT8645S-2’s voltage rating. This
situation is easily avoided (see Analog Devices Application
Note 88).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LT8645S-2 to produce the DC output. In this role it
determines the output ripple, thus low impedance at the
switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LT8645S-2’s control loop. Ceramic capaci-
tors have very low equivalent series resistance (ESR) and
provide the best ripple performance. For good starting
values, see the Typical Applications section.
Use X5R or X7R types. This choice will provide low output
ripple and good transient response. Transient performance
can be improved with a higher value output capacitor and
the addition of a feedforward capacitor placed between
VOUT and FB. Increasing the output capacitance will also
decrease the output voltage ripple. A lower value of output
capacitor can be used to save space and cost but transient
performance will suffer and may cause loop instability.
See the Typical Applications in this data sheet for sug-
gested capacitor values.
When choosing a capacitor, special attention should be
given to the data sheet to calculate the effective capaci-
tance under the relevant operating conditions of voltage
bias and temperature. A physically larger capacitor or one
with a higher voltage rating may be required.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT8645S-2 due to their piezoelectric
nature. When in Burst Mode operation, the LT8645S-2’s
switching frequency depends on the load current, and at
very light loads the LT8645S-2 can excite the ceramic
capacitor at audio frequencies, generating audible noise.
Since the LT8645S-2 operates at a lower current limit
during Burst Mode operation, the noise is typically very
quiet to a casual ear. If this is unacceptable, use a high
performance tantalum or electrolytic capacitor at the out-
put. Low noise ceramic capacitors are also available.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT8645S-2. As
previously mentioned, a ceramic input capacitor com-
bined with trace or cable inductance forms a high quality
(underdamped) tank circuit. If the LT8645S-2 circuit is
plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT8645S-
2’s rating. This situation is easily avoided (see Analog
Devices Application Note 88).
Enable Pin
The LT8645S-2 is in shutdown when the EN pin is low and
active when the pin is high. The rising threshold of the EN
comparator is 1.01V, with 45mV of hysteresis. The EN pin
can be tied to VIN if the shutdown feature is not used, or
tied to a logic level if shutdown control is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com