Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8613
Description  65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8613 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8613 Datasheet HTML 15Page - Analog Devices LT8613 Datasheet HTML 16Page - Analog Devices LT8613 Datasheet HTML 17Page - Analog Devices LT8613 Datasheet HTML 18Page - Analog Devices LT8613 Datasheet HTML 19Page - Analog Devices LT8613 Datasheet HTML 20Page - Analog Devices LT8613 Datasheet HTML 21Page - Analog Devices LT8613 Datasheet HTML 22Page - Analog Devices LT8613 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LT8645S-2
19
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Table 1. SW Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.2
232
0.3
150
0.4
110
0.5
88.7
0.6
71.5
0.7
60.4
0.8
52.3
1.0
41.2
1.2
33.2
1.4
28.0
1.6
23.7
1.8
20.5
2.0
17.8
2.2
15.8
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, and input voltage range. The
advantage of high frequency operation is that smaller
inductor and capacitor values may be used. The disad-
vantages are lower efficiency and a smaller input voltage
range.
The highest switching frequency (fSW(MAX)) for a given
application can be calculated as follows:
fSW(MAX) =
VOUT + VSW(BOT)
tON(MIN) VIN − VSW(TOP) + VSW(BOT)
(
)
(4)
where VIN is the typical input voltage, VOUT is the output
voltage, VSW(TOP) and VSW(BOT) are the internal switch
drops (~0.3V, ~0.2V, respectively at maximum load) and
tON(MIN) is the minimum top switch on-time (see the
Electrical Characteristics). This equation shows that a
slower switching frequency is necessary to accommodate
a high VIN/VOUT ratio.
For transient operation, VIN may go as high as the abso-
lute maximum rating of 65V regardless of the RT value,
however the LT8645S-2 will reduce switching frequency
as necessary to maintain control of inductor current to
assure safe operation.
The LT8645S-2 is capable of a maximum duty cycle
of approximately 99%, and the VIN-to-VOUT dropout is
limited by the RDS(ON) of the top switch. In this mode
the LT8645S-2 skips switch cycles, resulting in a lower
switching frequency than programmed by RT.
For applications that cannot allow deviation from the pro-
grammed switching frequency at low VIN/VOUT ratios use
the following formula to set switching frequency:
VIN(MIN) =
VOUT + VSW(BOT)
1
− fSW • tOFF(MIN)
− VSW(BOT) + VSW(TOP) (5)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.3V, ~0.2V,
respectively at maximum load), fSW is the switching
frequency (set by RT), and tOFF(MIN) is the minimum
switch off-time. Note that higher switching frequency will
increase the minimum input voltage below which cycles
will be dropped to achieve higher duty cycle.
Inductor Selection and Maximum Output Current
The LT8645S-2 is designed to minimize solution size by
allowing the inductor to be chosen based on the output
load requirements of the application. During overload or
short-circuit conditions the LT8645S-2 safely tolerates
operation with a saturated inductor through the use of a
high speed peak-current mode architecture.
A good first choice for the inductor value is:
L
=
VOUT + VSW(BOT)
fSW
⎛
⎝
⎜
⎞
⎠
⎟ •0.4
(6)
where fSW is the switching frequency in MHz, VOUT is
the output voltage, VSW(BOT) is the bottom switch drop
(~0.2V) and L is the inductor value in μH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com