Electronic Components Datasheet Search
  English  ▼

X  

NFC10 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NFC10
Description  Single and dual output 10 Watt Wide input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC10 Datasheet(HTML) 2 Page - Artesyn Technologies

  NFC10 Datasheet HTML 1Page - Artesyn Technologies NFC10 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
OUTPUT
OVP
OUTPUT
INPUT
EFFICIENCY
REGULATION
MODEL
VOLTAGE (1)
VOLTAGE
CURRENT
CURRENT (2)
LINE (3)
LOAD (4)
NUMBER
9-18VDC
5VDC
6.2VDC
2000mA
1085mA
79%
±1.0%
±1.0%
NFC10-12S05
9-18VDC
12VDC
15VDC
833mA
1055mA
82%
±1.0%
±1.0%
NFC10-12S12
9-18VDC
15VDC
18VDC
666mA
1055mA
82%
±1.0%
±1.0%
NFC10-12S15
9-18VDC
±12VDC
30VDC
±416mA
1055mA
81%
±1.0%
±2.0%
NFC10-12D12
9-18VDC
±15VDC
36VDC
±333mA
1055mA
81%
±1.0%
±2.0%
NFC10-12D15
18-36VDC
5VDC
6.2VDC
2000mA
535mA
81%
±1.0%
±1.0%
NFC10-24S05
18-36VDC
12VDC
15VDC
833mA
530mA
84%
±1.0%
±1.0%
NFC10-24S12
18-36VDC
15VDC
18VDC
666mA
530mA
84%
±1.0%
±1.0%
NFC10-24S15
18-36VDC
±12VDC
30VDC
±416mA
520mA
82%
±1.0%
±2.0%
NFC10-24D12
18-36VDC
±15VDC
36VDC
±333mA
520mA
82%
±1.0%
±2.0%
NFC10-24D15
36-72VDC
5VDC
6.2VDC
2000mA
265mA
82%
±1.0%
±1.0%
NFC10-48S05
36-72VDC
12VDC
15VDC
833mA
260mA
86%
±1.0%
±1.0%
NFC10-48S12
36-72VDC
15VDC
18VDC
666mA
260mA
86%
±1.0%
±1.0%
NFC10-48S15
36-72VDC
±12VDC
30VDC
±416mA
255mA
84%
±1.0%
±2.0%
NFC10-48D12
36-72VDC
±15VDC
36VDC
±333mA
255mA
84%
±1.0%
±2.0%
NFC10-48D15
Notes
1
Nominal input voltages are 12VDC, 24VDC and 48VDC.
2
Maximum figure, at full load.
3
Measured from high line to low line.
4
Measured from full load to 10% full load.
5
Designed to meet EN60950 with an input voltage that does not exceed
the SELV limit of 60VDC.
6
Maximum case temperature must not be exceeded. Derating curve may
be extended or restricted depending on available cooling.
7
Extended operating temperature range is available on the following
models: NFC10-12S12, -24S05, -24S12, -24S15. The suffix ‘–4’ must be
added to the model number, e.g. NFC10-24S05-4.
8
Derating curve assumes unrestricted natural convection cooling. Higher
ambient temperatures are permitted with forced air cooling, if the case
temperature does not exceed 110°C.
9
Long term continuous operation into a short circuit will compromise the
reliability of the unit.
0.16 MIN
(4.06)
2.00
(50.80)
1
2
5
3
4
BOTTOM
VIEW
0.37 MAX.
(9.50)
0.040 DIA.
(1.000)
0.60
(15.20)
0.800
(20.300)
0.200
(5.100)
0.400
(10.200)
0.100
(2.500)
0.500
(12.700) 1.00
(25.40)
7.600
(0.300)
DIMENSIONS IN INCHES (mm)
Tolerance .xx =
± 0.02
.xxx =
± 0.005
10W
0W
0
°C 20°C 40°C 60°C 80°C 100°C 120°C
-40
°C -20°C
110
°C
DERATING CURVE (See Note 8)
Output Power (Watts)
71
°C
-25
°C
PIN CONNECTIONS
PIN
SINGLE
DUAL
NUMBER
OUTPUT
OUTPUT
1
+ Input
+ Input
2
– Input
– Input
3
+ Output
+ Output
4
No Pin
Common
5
– Output
– Output
10 Watt
Wide input DC/DC converters
DC/DC CONVERTERS
|
10W DC/DC
http://www.artesyn.com
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
PAGE 111
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com