Electronic Components Datasheet Search
  English  ▼

X  

NFC25 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NFC25
Description  Triple output 25 Watt Wide input DC-DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC25 Datasheet(HTML) 3 Page - Artesyn Technologies

  NFC25 Datasheet HTML 1Page - Artesyn Technologies NFC25 Datasheet HTML 2Page - Artesyn Technologies NFC25 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10K
TRIM
UP/DOWN
TRIM
DOWN
TRIM
UP
+ OUT
TRIM
CONNECTIONS FOR OUTPUT VOLTAGE TRIM
+ OUT
Vout
Vin
C
C = 39
µF, 100V
Aluminium Electrolytic
NFC25-48xxx-xx
Vout
Vin
D
D = 100V Fast Recovery Diode
NFC25-48xxx-xx
Fuse
3.0 (76.2) +0.0
- 0.2
0.787
(20.0)
1.10
(28.0)
1.25
(31.75)
1.10
(28.0)
1.25
(31.75)
1.2
(30.48)
9
87
65
STAND OFF Ø 3,
4 PLCS, DOME R 0.295 (7.5)
0.40
(10.16)
TYP
HOLE Ø 1.1,
9 PLCS
HOLE Ø 3,4
PLCS
0.22 (5.6)
MIN.
0.433
(11.0)
MAX.
0.40
(10.16)
1.6
(40.64)
0.8
(20.32)
0.019 (0.5)
0.31
(8.0)
ALL DIMENSIONS IN INCHES (mm)
12
3
4
Design Notes for 48V input versions:
VDE0871-B
BTR2511 Reverse polarity protection
PAGE 3
25 Watt
Wide input DC-DC converters
25 W DC-DC
|
DC-DC CONVERTERS
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com