Electronic Components Datasheet Search
  English  ▼

X  

CA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CA
Description  Wirewound Resistors, Commercial Power, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CA Datasheet(HTML) 2 Page - Vishay Siliconix

  CA Datasheet HTML 1Page - Vishay Siliconix CA Datasheet HTML 2Page - Vishay Siliconix CA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CA
www.vishay.com
Vishay Dale
End of Life November-2021
Revision: 18-Feb-2022
2
Document Number: 30214
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
Note
(1) On some standard reel pack methods, the leads may be trimmed to a shorter length than shown.
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Woven fiberglass
Coating: Special high temperature silicone (CA4000 series
is not coated)
Terminals: Tin/lead electroplated copper (lead (Pb)-free will
be 100 % tin)
End Caps: Tin plated steel
Part Marking: CA0001 and CA0002 are printed with value
and tolerance
DERATING
GLOBAL
MODEL
DIMENSIONS in inches [millimeters]
A ± 0.031 [0.794]
A’ (MAXIMUM)
B ± 0.001 [0.025]
C
FIGURE
CA0001
0.400 [10.16]
0.460 [11.68]
0.032 [0.813]
0.170 maximum [4.32 maximum]
2
CA0002
0.570 [14.48]
0.630 [16.00]
0.032 [0.813]
0.170 maximum [4.32 maximum]
2
CA4050
0.500 [12.70]
0.594 [15.09]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA4055
0.550 [13.97]
0.644 [16.36]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA4060
0.600 [15.24]
0.694 [17.63]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA4070
0.700 [17.78]
0.794 [20.17]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA4080
0.800 [20.32]
0.894 [22.71]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA4090
0.900 [22.86]
0.994 [25.25]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA4100
1.00 [25.40]
1.094 [27.79]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA4150
1.50 [38.10]
1.594 [40.49]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA4200
2.00 [50.80]
2.094 [53.19]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA4220
2.20 [55.88]
2.294 [58.27]
0.032 [0.813]
0.140 ± 0.031 [3.56 ± 0.794]
1
CA5050
0.500 [12.70]
0.625 [15.88]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
CA5055
0.550 [13.97]
0.675 [17.15]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
CA5060
0.600 [15.24]
0.725 [18.42]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
CA5070
0.700 [17.78]
0.825 [20.96]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
CA5080
0.800 [20.32]
0.925 [23.50]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
CA5090
0.900 [22.86]
1.025 [26.04]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
CA5100
1.00 [25.40]
1.125 [28.58]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
CA5150
1.50 [38.10]
1.625 [41.28]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
CA5200
2.00 [50.80]
2.125 [53.98]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
CA5220
2.20 [55.88]
2.325 [59.06]
0.036 [0.914]
0.170 ± 0.031 [4.32 ± 0.794]
2
Figure 2
A'
A
B
C
C
Figure 1
B
A'
A
[1.625 ± 0.125]
(1)
41.28 ± 3.15
[1.625 ± 0.125]
(1)
41.28 ± 3.15
AMBIENT TEMPERATURE IN °C
- 65
- 25
75
125
175
225
275
25
0
20
40
60
80
120
100
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS (EIA RS-344)
Thermal Shock
- 55 °C to + 275 °C, 5 cycles, 30 min dwell time
± (5.0 % + 0.05
Ω) ΔR
Short Time Overload
5 x rated power for 5 s
± (4.0 % + 0.05
Ω) ΔR
Dielectric Withstanding Voltage
600 VAC for 1 min (CA0001, CA0002 and CA5xxx only)
± (2.0 % + 0.05
Ω) ΔR
Low Temperature Storage
- 65 °C, full rated working voltage for 45 min
± (3.0 % + 0.05
Ω) ΔR
Humidity
75 °C, 90 % to 100 % RH, 240 h
± (5.0 % + 0.05
Ω) ΔR
Load Life
1000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (10.0 % + 0.05
Ω) ΔR
Terminal Strength
10 pounds for 30 s; body twisted about axis, 3 x 360° rotations
± (2.0 % + 0.05
Ω) ΔR
Resistance to Solder Heat
Terminal immersed 3.5 s in molten solder at 1/8" to 3/16" from body
± (4.0 % + 0.05
Ω) ΔR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com