Electronic Components Datasheet Search
  English  ▼

X  

TFS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFS
Description  Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFS Datasheet(HTML) 2 Page - Vishay Siliconix

  TFS Datasheet HTML 1Page - Vishay Siliconix TFS Datasheet HTML 2Page - Vishay Siliconix TFS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TFS
www.vishay.com
Vishay Sfernice
End of Life March-2020 - Alternative Device: TFPT
Revision: 23-Mar-2020
2
Document Number: 60033
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Note
• Please refer to Vishay Sfernice Application Note “Guidelines for
Vishay Sfernice Resistive and Inductive Products” for soldering
recommendation (document number: 52029), paragraph 2:
GENERAL SOLDERING RECOMMENDATION FOR THROUGH
HOLE OR SMD COMPONENTS
Note
• Please refer to Vishay Sfernice Application Note “Guidelines for
Vishay Sfernice Resistive and Inductive Products” for soldering
recommendation (document number: 52029), paragraph 3:
GUIDELINES FOR SURFACE MOUNTING COMPONENTS
(SMD). Profile #3 applies
TFS-S Single-In-Line
A
F
C
B
D
E
G
A
B
C
TFS-W Chip for SMD
DIMENSION
INCHES
MILLIMETERS
A
0.200
3.17
B
0.200
5
C
0.200
5
D
0.025
0.63
E
0.100
2.54
F
0.020
0.50
G
0.010
0.25
0805 DIMENSION
INCHES
MILLIMETERS
A
0.075
1.90
B
0.050
1.25
C
0.020
0.50
1206 DIMENSION
INCHES
MILLIMETERS
A
0.125
3.20
B
0.063
1.60
C
0.027
0.70
PACKAGING
Waffle pack or tape and reel for TFS-W
Sticks or special packaging for TFS-S
HOW TO ORDER
Wraparound
MODEL
STYLE
SIZE
OHMIC VALUE
TOLERANCE
TFS
W
0805
1206
In clear
R stands for
decimal point
F = 1 %
G = 2 %
Note
• Ohmic value ordered is the one at 23 °C
SIL
MODEL
STYLE
OHMIC VALUE
TOLERANCE
TFS
S
In clear
R stands for
decimal point
K stands for 1000
F = 1 %
G = 2 %
Note
• Ohmic value ordered is the one at 23 °C
Historical Part Number:
TFS
W
0805
56U
1 %
e2
TFS
S
2K5
1 %
e2
T
F
S
W
0805
-
56
R
F
TF
S
S
-
2K5
F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com