Electronic Components Datasheet Search
  English  ▼

X  

NFS350 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NFS350
Description  Triple and quad output 350 Watt AC/DC universal input switch mode power supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS350 Datasheet(HTML) 3 Page - Artesyn Technologies

  NFS350 Datasheet HTML 1Page - Artesyn Technologies NFS350 Datasheet HTML 2Page - Artesyn Technologies NFS350 Datasheet HTML 3Page - Artesyn Technologies NFS350 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
.250
(6.4)
1.800
(45.7)
2.50
(63.5)
6-32 SCREW
THREAD
(4 PL)
.77
(19.6)
3.300
(83.8)
5.00
(127)
8-32 SCREW
THREAD
(4 PL)
MAX SCREW PENETRATION
FROM BOTTOM OF CHASSIS
.250"
.75
1.800
(45.7)
2.5
(63.5)
6-32 SCREW
THREAD
(4 PL)
.250
(6.4)
10.50
(267)
9.000
(228.6)
F2
5A
125VAC
C7
C8
5A, 250VAC
TB1
F1
CONTROL
BOARD
OUTPUT # 4
PCB
BUS 1
BUS 2
TS1
TB3
2
1
TB2
J1
T1
PIN 1
PIN 1
PIN 6
PIN 1
+ 5.1V RET
+ 5.1V
THERMAL
SENSOR
TB3
TB2
J1
(–)
(+)
1
ALL DIMENSIONS IN INCHES (mm)
D
E
F
B
G
A
(19.1 ) TYP.
1
TB1 Connector
Kulka P/N 4597A-03 or equivalent.
TB2 Connector
Kulka P/N 4597A-05 or equivalent, 1
/4-20 studs, 1/2 inch max. penetration.
TB3 Connector
Use #6 fork terminal connector or equivalent.
J1 Connector
Molex 22-05-3061. Mating connector is Molex 22-01-2067 or equivalent with
Molex 08-50-0114 or equivalent crimp terminal, see Note C.
Mechanical notes
A
Minimum clearance distance to any external grounded metal plate or
chassis is 2mm.
B
Removing R15 causes the power supply to latch off in the event of output
short, over-voltage or over-temperature. Removing the line power for 15
seconds will reset the latch.
C Fan current must be subtracted from the available +12V current.
D
+5V output adjustment pot.
E
+12V output adjustment pot is located on the main PCB, and can be
accessed through this hole. Use a Philips head plastic adjustment tool.
F
–12V output adjustment pot is located on the main PCB, and can be
accessed through this hole. Use a Philips head plastic adjustment tool.
G Auxiliary fourth output adjustment pot.
H A standard cover and fan assembly can be added during manufacturing.
Details are on page 65. To order, add suffix ‘CF’ to the model number. e.g.
NFS350-7608PCF.
32W MINIMUM LOAD REQUIRED TO MAINTAIN
REGULATION
350W
0W
32W
175W
FORCED AIR COOLING
(30CFM)
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
DERATING CURVE
Output Power (Watts)
350 Watt
AC/DC universal input switch mode power supplies
AC/DC POWER SUPPLIES
|
350W AC
PAGE 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com