Electronic Components Datasheet Search
  English  ▼

X  

PCLM-SMP Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PCLM-SMP
Description  EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PCLM-SMP Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PCLM-SMP Datasheet HTML 1Page - Omega Engineering, Inc. PCLM-SMP Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
See Section I
for analab Services
G-33
Ferrite Cable
Clamp, Model
PCLM-FT
($2.50),
Attaches
to Standard
Connectors
to Provide
EMI Protection
FERRITE
CORE
INCLUDED
Ferrite Cable Clamp
Ordering Example: PCLM-SMP-FT, ferrite cable clamp for subminiature connector, $2.50 ea.
Max Wire
Impedance (ohms)
Price
Compatible
Gage for
@ ±20%
Model No.
Each
Connectors (By Type) Duplex Wire @25 Mhz @100 Mhz Description
PCLM-FT
$2.50
OST, OSTW,
14 AWG
120
225
Ferrite Cable Clamp
(for Standard
HST, HSTW, OGP
Standard Size
Connectors)
GST, HGST, OTP
PCLM-SMP-FT
2.50
SMP, SMPW,
22 AWG
105
155
Ferrite Cable
(for Miniature
GMP, HGMP,
Clamp,
Connectors)
HMP, HMPW, MTP
Miniature Size
PCLM-SMP-RSC-FT
2.50
SMP, SMPW,
22 AWG
105
155
Ferrite Cable
(for Miniature
GMP, HGMP,
Clamp, Miniature Size
Connectors
HMP, HMPW, MTP
Use with RSC Cable
ALL MODELS AVAILABLE FOR FAST DELIVERY!
EMI Protection Hardware
with Nickel-Zinc Ferrite Cores
Cable Clamps for Standard and Miniature Connectors
PCLM-SMP-FT
Ferrite Core and
Cable Clamp
PCLM-FT
Ferrite Core and
Cable Clamp
$2.50 ea.
Standard
Size
Miniature
Size
EMI/RFI Problems?
a
analab
&
&
®
analab
analab
&
&
®
® Can Help!
Complete EMC and FCC
Compliance Testing and
Technical Assistance.
For Complete Information
See Section I
Shown
Actual
Size
Each Clamp Comes
Complete with a
Ferrite Core
Covered by U.S and
International patents and
pending applications
PATENTED
Twisted Shielded Wire
See Page, H-36.


Similar Part No. - PCLM-SMP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCLM-SMP ETC-PCLM-SMP Datasheet
202Kb / 2P
Connector Accessories For Miniature Size Connectors
logo
Omega Engineering, Inc.
PCLM-SMP-FT OMEGA-PCLM-SMP-FT Datasheet
315Kb / 1P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
logo
List of Unclassifed Man...
PCLM-SMP-FT ETC-PCLM-SMP-FT Datasheet
202Kb / 2P
Connector Accessories For Miniature Size Connectors
logo
Omega Engineering, Inc.
PCLM-SMP-FT. OMEGA-PCLM-SMP-FT. Datasheet
315Kb / 1P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
logo
List of Unclassifed Man...
PCLM-SMP-RSC ETC-PCLM-SMP-RSC Datasheet
202Kb / 2P
Connector Accessories For Miniature Size Connectors
More results

Similar Description - PCLM-SMP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
Glenair, Inc.
IT3420-4 GLENAIR-IT3420-4 Datasheet
578Kb / 2P
Neoprene Sleeve for Protection & Reduction used with Class A or C Cable Clamps
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
Ferrite Cores
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
Standard Cable Clamps
logo
E-SWITCH
K200298 E-SWITCH-K200298 Datasheet
127Kb / 1P
HOUSING: NICKEL PLATED ZINC ALLOYWITH NICKEL FACING
logo
List of Unclassifed Man...
SC02MFA-SS ETC2-SC02MFA-SS Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
logo
Fair-Rite Products Corp...
2631023002 FAIR-RITE-2631023002 Datasheet
613Kb / 2P
Round Cable EMI Suppression Cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com