Electronic Components Datasheet Search
  English  ▼

X  

NLP250 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NLP250
Description  250 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP250 Datasheet(HTML) 1 Page - Artesyn Technologies

  NLP250 Datasheet HTML 1Page - Artesyn Technologies NLP250 Datasheet HTML 2Page - Artesyn Technologies NLP250 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AC/DC POWER SUPPLIES
250 W AC/DC Universal Input Switch Mode Power Supplies
1
2 YEAR WARRANTY
NLP250 Series
Single output
Active PFC and EN61000-3-2 compliant
250 W on main channel with forced air
Low profile fits 1U applications
U-Channel for maximum thermal performance
5 V standby output
12 V fan output
Integrated ORing diode
Active current sharing
Integrated control and monitoring features
Overcurrent, overvoltage and overtemperature protection
Compliance to EN55022-B conducted noise standard
Available RoHS compliant
The NLP250 series offers up to 250 W in a U-Channel power supply. Its form-factor
makes it suitable for use in low-profile applications, such as 1U rack equipment. The
main output channel is compatible with systems that implement distributed power and
point-of-load architectures. It can also be used to power electromechanical devices such
as relays, motors and print-heads. An auxiliary output is also available for those systems
that require "standby" operation. The features of this power supply make it suitable for
use in Information Technology Equipment (ITE) and light industrial systems.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
SPECIFICATIONS
File Name: nlp250.pdf Rev: 29 May 2006
NEW Product
OUTPUT SPECIFICATIONS
Total regulation
Main output
±2.0%
(line and load)
Auxiliary outputs
±5.0%
Turn-on delay
@ 120 Vac Input
2.0 s max.
Transient response
Main output
5.0% or 250 mV
50-100%
max. dev., 1 ms max.
step at 0.5 A/µs
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
115%, ±5%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Singles
0 A
Auxiliary outputs
5 Vsb
5 V @ 1.0 A
(See Note 8)
12 V (fan)
12 V @ 0.3 A
INPUT SPECIFICATIONS
Input voltage range
Universal input
85-264 Vac
Input frequency range
47-63 Hz
Input surge current
264 Vac (cold start)
40 A max.
Safety ground
264 Vac, 50 Hz
1 mA
leakage current
Input current
120 Vac @ 250 W
2.78 A rms
230 Vac @ 250 W
1.36 A rms
Input fuse
UL/IEC127
T6.3 AH, 250 Vac
EMC CHARACTERISTICS (5)
Conducted emissions
EN55022, FCC part 15
Level B
Harmonic current
EN61000-3-2
Compliant
Correction
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
EMC CHARACTERISTICS (continued) (8)
Radiated immunity
EN61000-4-3
Level 3
Fast transients
EN61000-4-4
Level 3
Surge
EN61000-4-5
Level 3
Conducted immunity
EN61000-4-6
Level 3
GENERAL SPECIFICATIONS
Hold-up time
85 Vac @ 60 Hz
20 ms @ 250 W
Efficiency
115 Vac @ 250 W
84% typ.
230 Vac @ 250 W
86% typ.
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Safety approvals
UL/cUL UL60950-1, VDE EN60950-1
(See Note 6)
CAN/CSA22.2 No. 60950-1
Weight
650g (22oz)
MTBF (@ 25 °C)
Telcordia SR-332
317,000 hours min.
MIL-HDBK-217F
158,000 hours min.
ENVIRONMENTAL SPECIFICATIONS (4)
Thermal performance
Operating ambient,
0° C to +70 °C
(See derating curve)
Non-operating
-40 °C to +85 °C
0 °C to 50 °C ambient,
250 W
200 LFM forced air
0 °C to 50 °C ambient,
175 W
convection cooled
50 °C to 70 °C ambient, Derate linearly
convection cooled
to 50% load
Relative humidity
Non-condensing
5-95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 7)
5-500 Hz
2.4 G rms peak
Shock
per MIL-STD-810E
516.4 Part IV


Similar Part No. - NLP250

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
444Kb / 4P
Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
577Kb / 4P
Single Output Medical safeties
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
1Mb / 4P
Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
573Kb / 4P
Active PFC and EN61000-3-2 compliant
NLP250-DC EMERSON-NETWORKPOWER-NLP250-DC Datasheet
779Kb / 4P
Single Output
More results

Similar Description - NLP250

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
50 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP25 EMERSON-NETWORKPOWER-NLP25 Datasheet
88Kb / 3P
20-25 W AC/DC Universal Input Switch Mode Power Supplies
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
NLP70 EMERSON-NETWORKPOWER-NLP70 Datasheet
89Kb / 3P
70 W AC/DC Universal Input Switch Mode Power Supplies
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com