Electronic Components Datasheet Search
  English  ▼

X  

286S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 286S
Description  Channel Strip Processor 286s Mic Preamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

286S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  286S Datasheet HTML 1Page - List of Unclassifed Manufacturers 286S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M I C I N P UT:
Floating balanced, Pin 2 Hot
Impedance
~ 4.2k
Ω Balanced
Maximum Level
0.25Vrms, Gain = 30dB
Gain Adjustment Range
+0dB to 60dB
Phantom Power
+48VDC, applied to XLR pins 2 and 3 through
6.81k
Ω resistors
CMRR
>40dB, typically 55dB
EIN
-125dBu, 22Hz-22kHz, 150
Ω source impedance
L I N E I N P UT:
Floating balanced, TIP Hot
Impedance
10k
Ω unbalanced, 20kΩ balanced
Maximum Level
>+21dBu, balanced or unbalanced
Gain Adjustment Range
-15dB to +45dB
CMRR
>40dB, typically 55dB
I N S E RT (1/4” TR S): Normalled: tip is Send, ring is Return
Ring: Impedance
>5k
Ω
Maximum Level
>+21dBu
Tip: Impedance
100
Ω
Maximum Level
>+21dBu, >+20dBm (600
Ω load)
Noise
<-89dBu, unweighted (20Hz-20kHz);
LINE GAIN Control set to 0dB
Distortion
<0.01% THD, 20Hz-20kHz, +10dBu
LINE OUTPUT (1/4” TRS): Balanced/Unbalanced
Impedance
100
Ω unbalanced, 200Ω balanced
Maximum Level
>+21dBu, >+20dBm (600
Ω load)
Gain Adjustment Range
-30dB to +10dB
Noise
<-85dBu unweighted (20Hz-20kHz); Both Gain Controls
set for 0dB, all processing controls OFF
Frequency Response
20Hz - 20kHz, +0.5/-0.5dB
Distortion
<0.08%THD, 20Hz-20kHz, +10dBu, all Processing
Controls OFF
COM P RES SOR :
Threshold Range
-40dBu to +20dBu
Threshold Characteristics
OverEasy®
Compression Ratio
>4:1 For input levels beyond 20dB above threshold
Maximum Compression
30dB
Attack Time
Program-Dependent; >1s for small level increases,
down to 10ms for large increases
Release Time
Program-Dependent; adjustable between approximately
1dB/Sec and 75dB/Sec
Distortion
Typically <0.05%THD, 20Hz-20kHz, 15dB G/R, +10dBu
Output, DENSITY @ 0
SMPTE Intermodulation Distortion <0.05%; 60Hz/7kHz 4:1, 15dB G/R, +10dBu Output Level,
DENSITY @ 0
D E-S S E R:
Characteristic
Wideband Gain Reduction
Frequency Range
800Hz to 10kHz High Pass, 12dB/octave
Release Time
Program-Dependent approximately 1ms/dB
ENH A N C ER :
HF Detail Characteristic
Program-controlled shelving equalizer, approximately
15dB maximum HF boost
LF detail Characteristic
Bell-shaped boost @ 80Hz, bell-shaped cut @ 250Hz,
ratio is approximately 2:1
E XP A N D E R / G A TE:
Threshold Range
OFF to +15dBu
Expansion Ratio
Adjustable 1.5:1 to 10:1
Maximum Depth
>50dB
Attack Time
Program-Dependent, approximately 2ms (at maximum
attenuation)
Release Time
Program-Dependent, approxiamtely 10ms/dB
DYN A M I C R A N G E:
Typically 105dB
POWE R S U PPLY :
Power Requirements
15 Watts
Operating Voltage
USA: 120VAC 60Hz, 100VAC 50/60Hz;
EU: 230VAC 50/60Hz
Operating Temperature
0°C to 45°C (32°F to 113°F)
P HYS I C A L:
Dimensions
1.75” x 5.75” x 19” (4.5cm x 14.6cm x 48.5cm)
Weight
Net Weight: 4.5 lbs/2.04 Kg
Shipping Weight:
6.54 lbs/2.97 Kg
Specifications
s
s
s
s
s
dbx engineers are constantly working to improve the quality of our products. Specifications are, therefore subject to change without notice.
Channel Strip Processor
286s Mic Preamp
dbx Professional
Products
8760 S. Sandy Pkwy.
Sandy, Utah 84070
801.568.7660 PHONE
801.568.7662 FAX
801.568.7583 INT’L FAX
customer@dbxpro.com
www.dbxpro.com
Part number: 18-0842



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com