Electronic Components Datasheet Search
  English  ▼

X  

PM300CE Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PM300CE
Description  Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM300CE Datasheet(HTML) 2 Page - Artesyn Technologies

  PM300CE Datasheet HTML 1Page - Artesyn Technologies PM300CE Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT
OUTPUT
OVP (4)
REGULATION
RIPPLE AND
CASE
AVAILABLE MODELS
VOLTAGE
CURRENT
LINE
LOAD
NOISE
SINGLE OUTPUT
5VDC
500mA
Yes
±.05%
±0.10%
2mV rms
C1
PM334CE
5VDC
1000mA
Yes
±.05%
±0.15%
2mV rms
C1
PM342CE
5VDC
2000mA
Yes
±.05%
±0.15%
2mV rms
C2
PM345CE
DUAL OUTPUT
±12VDC
±240mA
No
±0.05%
±0.05%
1mV rms
C1
PM337CE
±12VDC
±400mA
No
±0.05%
±0.05%
1mV rms
C2
PM397CE
±15VDC
±100mA
No
±0.05%
±0.05%
1mV rms
C1
PM302CE
±15VDC
±200mA
No
±0.05%
±0.05%
1mV rms
C1
PM365CE
±15VDC
±350mA
No
±0.05%
±0.05%
1mV rms
C2
PM301CE
±15VDC
±500mA
No
±0.05%
±0.05%
1mV rms
C2
PM396CE
TRIPLE OUTPUT (1)
5V/±12VDC
500/±120mA
Yes
±0.05%
±0.1%/±0.05%
1mV rms
C1
PM391CE
5V/±15VDC
500/±100mA
Yes
±0.05%
±0.1%/±0.05%
1mV rms
C1
PM390CE
5V/±15VDC
1000/±150mA
Yes
±0.20%
±0.1%/±0.02%
1.0/0.5mV rms
C2
PM393CE
5V/±12VDC
1000/±150mA
Yes
±0.20%
±0.1%/±0.02%
1.0/0.5mV rms
C2
PM392CE
ALL DIMENSIONS IN INCHES (mm)
– 5V OUT
+ 5V OUT
+ 12V OUT
+ 15V OUT
– 12V OUT
– 15V OUT
AC
AC
COM
AC
AC
COM
NC
– OUT
+ OUT
AC
AC
COM
NC
+ OUT
NC
0.75
(19.1)
5.40 BH
Screws
C1 C2
1.45
(36.8)
2.00
(50.8)
2.70
(68.6)
2.00
(50.8)
2.50
(63.5)
4.00
(101.6)
0.35
(8.9)
INSERTS
4.40 THREAD
0.125 (3.2) DEEP
0.75
(19.1)
Single
Output
Models
Dual
Output
Models
Triple
Output
Models
CASE C
Note
1
Triple output models only: the 5V output common is isolated from the
±12VDC or ±15VDC common.
2
Some units should be derated for operation at 400Hz. Please contact the
factory for details.
3
M.T.B.F. figures are based on actual product performance. Consult factory
for details.
4
Triple output models only: overvoltage protection is only available on the
5V outputs.
5
All models are only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
2.5 to 15 Watt
AC/DC encapsulated modules
ENCAPSULATED LINEAR AC/DC POWER SUPPLIES
|
2.5-15W AC
PAGE 2
http://www.artesyn.com
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com