Electronic Components Datasheet Search
  English  ▼

X  

ACS355 Datasheet(PDF) 2 Page - ABB

Part # ACS355
Description  ABB machinery drives ABB machinery drives
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS355 Datasheet(HTML) 2 Page - ABB

  ACS355 Datasheet HTML 1Page - ABB ACS355 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X within the type code stands for E or U.
E = EMC filter connected. U = EMC filter disconnected.
H2 = Height with fastenings but without clamping plate.
H = Height, W = Width, D = Depth
B063 = IP66/IP67/UL Type 4X enclosure
Technical data and types
IP20 UL open
Ratings
Type designation
Frame
size
IP20 UL open
P
N
kW
P
N
hp
I
2N
A
H2
mm
W
mm
D
mm
Weight
kg
1-phase AC supply, 200 to 240 V
0.37
0.5
2.4
ACS355-01X-02A4-2
R0
202
70
161
1.1
0.75
1
4.7
ACS355-01X-04A7-2
R1
202
70
161
1.3
1.1
1.5
6.7
ACS355-01X-06A7-2
R1
202
70
161
1.3
1.5
2
7.5
ACS355-01X-07A5-2
R2
202
105
165
1.5
2.2
3
9.8
ACS355-01X-09A8-2
R2
202
105
165
1.5
3-phase AC supply, 200 to 240 V
0.37
0.5
2.4
ACS355-03X-02A4-2
R0
202
70
161
1.1
0.55 0.75
3.5
ACS355-03X-03A5-2
R0
202
70
161
1.1
0.75
1
4.7
ACS355-03X-04A7-2
R1
202
70
161
1.3
1.1
1.5
6.7
ACS355-03X-06A7-2
R1
202
70
161
1.3
1.5
2
7.5
ACS355-03X-07A5-2
R1
202
70
161
1.3
2.2
3
9.8
ACS355-03X-09A8-2
R2
202
105
165
1.5
3
4
13.3
ACS355-03X-13A3-2
R2
202
105
165
1.5
4
5
17.6
ACS355-03X-17A6-2
R2
202
105
165
1.5
5.5
7.5
24.4
ACS355-03X-24A4-2
R3
202
169
169
2.5
7.5
10
31
ACS355-03X-31A0-2
R4
202
260
169
4.4
11
15
46.2
ACS355-03X-46A2-2
R4
202
260
169
4.4
3-phase AC supply, 380 to 480 V
0.37
0.5
1.2
ACS355-03X-01A2-4
R0
202
70
161
1.1
0.55 0.75
1.9
ACS355-03X-01A9-4
R0
202
70
161
1.1
0.75
1
2.4
ACS355-03X-02A4-4
R1
202
70
161
1.3
1.1
1.5
3.3
ACS355-03X-03A3-4
R1
202
70
161
1.3
1.5
2
4.1
ACS355-03X-04A1-4
R1
202
70
161
1.3
2.2
3
5.6
ACS355-03X-05A6-4
R1
202
70
161
1.3
3
4
7.3
ACS355-03X-07A3-4
R1
202
70
161
1.3
4
5
8.8
ACS355-03X-08A8-4
R1
202
70
161
1.3
5.5
7.5
12.5
ACS355-03X-12A5-4
R3
202
169
169
2.5
7.5
10
15.6
ACS355-03X-15A6-4
R3
202
169
169
2.5
11
15
23.1
ACS355-03X-23A1-4
R3
202
169
169
2.5
15
20
31
ACS355-03X-31A0-4
R4
202
260
169
4.4
18.5
25
38
ACS355-03X-38A0-4
R4
202
260
169
4.4
22
30
44
ACS355-03X-44A0-4
R4
202
260
169
4.4
For more information please contact your local ABB
representative or visit:
www.abb.com/drives
www.abb.com/drivespartners
© Copyright 2013 ABB. All rights reserved. Specifications subject to change
without notice.
IP66/IP67/UL Type 4X
Ratings
Type designation
Frame
size
IP66/IP67/UL Type 4X
P
N
kW
P
N
hp
I
2N
A
H
mm
W
mm
D
mm
Weight
kg
3-phase AC supply, 200 to 240 V
0.37
0.5
2.4
ACS355-03X-02A4-2 + B063
R1
305
195
281
7.7
0.55 0.75
3.5
ACS355-03X-03A5-2 + B063
R1
305
195
281
7.7
0.75
1
4.7
ACS355-03X-04A7-2 + B063
R1
305
195
281
7.7
1.1
1.5
6.7
ACS355-03X-06A7-2 + B063
R1
305
195
281
7.7
1.5
2
7.5
ACS355-03X-07A5-2 + B063
R1
305
195
281
7.7
2.2
3
9.8
ACS355-03X-09A8-2 + B063
R3
436
246
277
13
3
4
13.3
ACS355-03X-13A3-2 + B063
R3
436
246
277
13
4
5
17.6
ACS355-03X-17A6-2 + B063
R3
436
246
277
13
3-phase AC supply, 380 to 480 V
0.37
0.5
1.2
ACS355-03X-01A2-4 + B063
R1
305
195
281
7.7
0.55 0.75
1.9
ACS355-03X-01A9-4 + B063
R1
305
195
281
7.7
0.75
1
2.4
ACS355-03X-02A4-4 + B063
R1
305
195
281
7.7
1.1
1.5
3.3
ACS355-03X-03A3-4 + B063
R1
305
195
281
7.7
1.5
2
4.1
ACS355-03X-04A1-4 + B063
R1
305
195
281
7.7
2.2
3
5.6
ACS355-03X-05A6-4 + B063
R1
305
195
281
7.7
3
4
7.3
ACS355-03X-07A3-4 + B063
R1
305
195
281
7.7
4
5
8.8
ACS355-03X-08A8-4 + B063
R1
305
195
281
7.7
5.5
7.5
12.5
ACS355-03X-12A5-4 + B063
R3
436
246
277
13
7.5
10
15.6
ACS355-03X-15A6-4 + B063
R3
436
246
277
13
Figure 1. Inputs and outputs configuration based on ABB standard macro and
external digital input supply voltage.
AI configuration
DIP switches
Output frequency
0 to 20 mA
max. 500
Ω
Speed reference
R = 1 to 10 k
Ω
AI1
AI2
0 to 10 V
0 to 20 mA
24 V
Const
Speed 1
0V
Sourcing DI configuration
(PNP) with external power supply
Fwd /
Rev
Start /
Stop
Fault
No fault
Safety
Switch
Digital output
max. 30 V DC.
200 mA
Relay output
Mains connection
Voltage and power
connection
1-phase, 200 to 240 V ±10%:
0.37 to 2.2 kW (0.5 to 3 hp)
3-phase, 200 to 240 V ±10%:
0.37 to 11 kW (0.5 to 15 hp)
3-phase, 380 to 480 V ±10%:
0.37 to 22 kW (0.5 to 10 hp)
Frequency
48 to 63 Hz
Motor connection
Voltage
3-phase, from 0 to USUPPLY
Frequency
0 to 599 Hz
Overload capacity
1.5 x I2N for 1 minute every 10 minutes
At start 1.8 x I2N for 2 seconds
Switching frequency
4 (default) to16 kHz with 4 kHz steps
Parameter-enabled noise cancellation function
Programmable control connections
Two analog inputs, signal
selectable
Voltage signal
Current signal
+ 10 V, 0 (2) to 10 V
±20 mA, 0 (4) to 20 mA
One analog output
0 (4) to 20 mA
Five digital inputs
12 to 24 V, PNP and NPN,
programmable DI5 0 to 16 kHz pulse train
One relay output
NO + NC, 250 V AC/2 A, 30 V DC/0.5 A
One digital output
Transistor output, 30 V DC/100 mA,
programmable 10 Hz to 16 kHz pulse train
Accuracy
24 V DC ±10%, max. 200 mA
Environmental limits
Ambient temperature
-10 to 40 oC (14 to 104 oF), no frost allowed
50 oC (122 oF) with 10% derating
Relative humidity
Lower than 95% (without condensation)
1
SCREEN
2
AI1
3
GND
4
+10 V
5
AI2
6
GND
7
AO
8
GND
9
+24 V
10 GND
11 DCOM
12 DI1
13 DI2
14 DI3
15 DI4
16 DI5
17 ROCOM
18 RONC
19 RONO
20 DOSRC
21 DOOUT
22 DOGND
X1C:STO
1
OUT1
2
OUT2
3
IN1
4
IN2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com