Electronic Components Datasheet Search
  English  ▼

X  

WD15NPVZ Datasheet(PDF) 1 Page - Western Digital Corporation or its affiliates.

Part # WD15NPVZ
Description  WD Blue™ PC Hard Drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD15NPVZ Datasheet(HTML) 1 Page - Western Digital Corporation or its affiliates.

  WD15NPVZ Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD15NPVZ Datasheet HTML 2Page - Western Digital Corporation or its affiliates. WD15NPVZ Datasheet HTML 3Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WD Blue™
PC Hard Drives
WD Blue hard drives deliver solid performance and reliability
while providing you with all of the space you need to hold
enormous amounts of photos, videos, and files. WD Blue hard
drives are designed for use as primary drives in notebooks
and external enclosures.
INTERFACE
SATA 6 Gb/s
FORM FACTOR
2.5-inch
INTERFACE CONNECTOR
SATA Connector
ROTATIONAL SPEED
5400 RPM Class
MODEL NUMBERS
WD20NPVZ
WD7500BPVX
WD3200LPCX
WD15NPVZ
WD5000BPVX
WD2500LPVX
WD10SPZX
WD5000LPVX
WD2500LPCX
WD10JPVX
WD5000LPCX
Product Features
Available SATA 6 Gb/s interface
The SATA 6 Gb/s interface
provides greater flexibility for use
with the latest chipsets as well
as backwards compatibility to
legacy systems with SATA 3 Gb/s
requirements.
.
NoTouch™ Ramp Load
Technology
The recording head never
touches the disk media ensuring
significantly less wear to the
recording head and media as
well as better drive protection in
transit.
The Original
WD Blue drives are designed and
manufactured with the proven
technology found in WD’s original
award-winning hard drives.
WD Quality
Built to the high standards of
quality and reliability of the WD
brand, these drives offer the
features and capacity ideal for your
everyday computing needs.
Low Power Consumption
State-of-the-art seeking
algorithms and advanced power
management features help
ensure low power consumption.
Upgrading Your Drive is Easy
Acronis® True Image™ WD Edition
Software, available as a free
download on the WD Support
site, enables you to copy all your
data to a new drive so you don’t
have to reinstall your operating
system to get all the benefits of a
new drive.
Compatible
Our latest generation of 7 mm
2.5-inch mobile drives is
designed for thin and light
mobile applications, and is also
compatible with most standard
9.5 mm bays (SPZX, LPCX, and
LPVX models only).
Quiet
In a notebook drive, silence is
golden. WD’s exclusive noise
reducing technologies yield some
of the quietest 2.5-inch hard drives
on the market.
Applications
WD Blue hard drives are tested and recommended for use in notebooks and external enclosures.*
* WD hard drives are designed and tested for use in specific applications and environments. This helps ensure that your hard drive is compatible with and functions properly in
your application. Our hard drives are warranted against defects in materials and workmanship in the system for which they were designed. Use in systems other than for what the
hard drive was designed could result in compatibility problems that affect proper function, unrelated to material and/or workmanship defects. For best results, be sure to select
the appropriate product for your application by consulting our product spec sheets on our website at www.wd.com or by calling our customer support line where we would be
happy to help you through the selection process.
The WD Advantage
WD puts our products through extensive Functional Integrity Testing (F.I.T.) prior to any product launch. This testing ensures that our products
consistently meet the high quality and reliability standards of the WD brand. WD also provides a detailed Knowledge Base with more than 1,000 helpful
articles, helpful software, and utilities. Our customer support lines are open for more hours to help ensure you get the help you need when you need it.
Our toll-free customer support lines are here to help, or you can access our WD Support site for additional details.
CAPACITIES
250GB to 2TB
HEIGHT
7 mm to 15 mm


Similar Part No. - WD15NPVZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
LIFO/FIFO Buffer Register
WD1510-00 ETC1-WD1510-00 Datasheet
332Kb / 4P
LIFO/FIFO Buffer Register
WD1510-01 ETC1-WD1510-01 Datasheet
332Kb / 4P
LIFO/FIFO Buffer Register
WD1510-02 ETC1-WD1510-02 Datasheet
332Kb / 4P
LIFO/FIFO Buffer Register
More results

Similar Description - WD15NPVZ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-56 ICST-ICS9120-56 Datasheet
79Kb / 5P
Frequency Timing Generator for EtherNet & Hard Drives
Rev A 040697
logo
Transcend Information. ...
TS0GSJ35U TRANSCEND-TS0GSJ35U Datasheet
121Kb / 3P
Works with all 3.5??SATA hard drives
logo
List of Unclassifed Man...
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
2.5-Inch SFF Enterprise Hard Disk Drives
HE10 ETC2-HE10 Datasheet
303Kb / 2P
3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
logo
Western Digital Corpora...
WD10SPSX WESTERN-WD10SPSX Datasheet
510Kb / 2P
WD Black 2.5-inch PC Hard Drives are designed for enthusiasts and creative professionals looking for leading-edge performance.
WD60PURX WESTERN-WD60PURX Datasheet
576Kb / 2P
WD Purple??Surveillance Hard Drives
WD4000FYYZ WESTERN-WD4000FYYZ Datasheet
696Kb / 2P
WD Re™ Datacenter Capacity HDD
May 2016
WD4002FYYZ WESTERN-WD4002FYYZ Datasheet
382Kb / 2P
WD Gold™ Enterprise-class Hard Drives
August 2017
WD5000BEVT WESTERN-WD5000BEVT Datasheet
388Kb / 4P
WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD10PURX-64D85Y0 WESTERN-WD10PURX-64D85Y0 Datasheet
2Mb / 2P
WD Purple™ Surveillance Storage
Feb 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com