Electronic Components Datasheet Search
  English  ▼

X  

WD5000BPVX Datasheet(PDF) 2 Page - Western Digital Corporation or its affiliates.

Part # WD5000BPVX
Description  WD Blue™ PC Hard Drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD5000BPVX Datasheet(HTML) 2 Page - Western Digital Corporation or its affiliates.

  WD5000BPVX Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD5000BPVX Datasheet HTML 2Page - Western Digital Corporation or its affiliates. WD5000BPVX Datasheet HTML 3Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WD Blue™
-2-
-2-
Specifications
2TB
1.5TB
1TB
1TB
750GB
Model number1
WD20NPVZ
WD15NPVZ
WD10SPZX
WD10JPVX
WD7500LPCX
Interface2
6 Gb/s
6 Gb/s
6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
Formatted capacity2
2,000,802MB
1,500,301MB
1,000,204MB
1,000,204MB
750,156MB
Advanced Format (AF)
Yes
Yes
Yes
Yes
Yes
Form factor
2.5-inch
2.5-inch
2.5-inch
2.5-inch
2.5-inch
RoHS compliant3
Yes
Yes
Yes
Yes
Yes
Performance
Data transfer rates
Interface speed
6 Gb/s
6 Gb/s
6 Gb/s
6 Gb/s
6 Gb/s
Cache (MB)
8
8
128
8
16
Rotational speed (RPM)
5200
5200
5400
5400
5400
Average drive ready time (sec)
6.5
6.5
2.8
3.0
2.8
Reliability/Data Integrity
Load/unload cycles4
600,000
600,000
600,000
600,000
600,000
Non-recoverable read errors per
bits read
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
Limited warranty (years)5
2
2
2
2
2
Power Management
5VDC ±10% (A, peak)
1.00
1.00
1.00
1.00
1.00
Average power requirements (W)
Read/Write
Idle
Standby/Sleep
1.7
0.8
0.2
1.7
0.8
0.2
1.5
0.5
0.1
1.4
0.59
0.18
1.7
0.57
0.18
Environmental Specifications6
Temperature (°C)
Operating
Non-operating
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
Acoustics (dBA)7
Idle
Seek (average)
24
25
24
25
19
21
24
25
20
21
Physical Dimensions
Height (in./mm)
0.59/15
0.59/15
0.28/7.0
0.374/9.50
0.28/7.0
Length (in./mm)
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
Width (in./mm)
2.75/69.85
2.75/69.85
2.75/69.97
2.75/69.85
2.75/69.85
Weight (lb/kg, ± 10%)
0.40/0.18
0.40/0.18
0.20/0.09
0.27/0.12
0.21/0.09
1 Not all products may be available in all regions of the world.
2 As used for storage capacity, one megabyte (MB) = one million bytes, one gigabyte (GB) = one billion bytes, and one terabyte (TB) = one trillion bytes. Total accessible capacity varies depending on operating environment. As used for buffer or cache, one megabyte (MB) = 1,048,576 bytes. As used for transfer
rate or interface, megabyte per second (MB/s) = one million bytes per second, and gigabit per second (Gb/s) = one billion bits per second. Effective maximum SATA 6 Gb/s transfer rate calculated according to the Serial ATA specification published by the SATA-IO organization as of the date of this specification
sheet. Visit www.sata-io.org for details.
3 WD hard drive products manufactured and sold worldwide after June 8, 2011, meet or exceed Restriction of Hazardous Substances (RoHS) compliance requirements as mandated by the RoHS Directive 2011/65/EU.
4 Controlled unload at ambient condition.
5 See http://support.wd.com/warranty for regionally specific warranty details.
6 No non-recoverable errors during operating tests or after non-operating tests.
7 Sound power level.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com