Electronic Components Datasheet Search
  English  ▼

X  

ACU6205A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # ACU6205A
Description  The LTP1245 is a thermal line printer that offers high-speed, high-resolution printing in a compact, lightweight mechanism ideal for today’s 5V portable applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

ACU6205A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  ACU6205A Datasheet HTML 1Page - Seiko Instruments Inc ACU6205A Datasheet HTML 2Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LTP
LTP Series
LTP1245 PRINTER
The LTP1245 is a thermal line printer that offers
high-speed, high-resolution printing in a compact,
lightweight mechanism ideal for today’s 5V
portable applications. Providing low-power con-
sumption to support battery-powered operation,
the LTP1245 is a maintenance-free mechanism
and, with optional interface, allows for automatic
paper loading. Ideal for measuring instruments,
analyzers, POS, portable communications devices
and more, the LTP1245 maximizes printer func-
tionality in applications where minimizing power
consumption, size and weight is a priority.
• High resolution printing (8 dots/mm)
• High speed, low voltage printing (25mm @ 5V,
62.5mm @ 8.0V)
• Low 4.2V to 8.5V power supply operation
• Prints on label stock
• Available with or without paper feed knob
• Available with straight or curved paper path
(up to 95 µm)
• Thick paper printing possible on straight path
• Automatic paper loading (available with
IF1001-01B interface board)
• Wide opening head for easy access
• Wide temperature range
Model
LTP1245
Printing
Method
Thermal line dot system
No. of dots/line
384
No. of characters/line
24
Width (mm)
48
Resolution
8 dots/mm
Paper feed pitch (mm)
0.125
Speed (mm/s)
25 @ 5V, 62.5 @ 8.0V
Speed (cl/s)
7.5 @ 5V, 12.5 @ 8.0V
Detection
Head temperature
By thermistor
Paper out detection
By photo interrupter
Head up detection
By photo interrupter
Dimensions (WxDxH) mm
72 X 39.5 X 16
Weight (g)
45
Power supply
Operating voltage
4.2 V to 8.5 V
Current consumption
2.1 Max. @ 5 VDC, 3.3 Max. @ 8.0 VDC 64 dots
Service life
Pulse activation
min. 100 million pulses (12.5% print ratio)
Abrasion resistance
50km or more
Operating temperature (°C)
-30 to +70 (wide temperature range)
Storage temperature (°C)
-35 to +75
Paper
Width (mm)
58 +0/-1
Path
Straight or curve
Thickness (
µm)
65 ± 5
Auto cutter
ACU6205
Optional
LTP1245-384-E
LTP1245H-384
LTP1245F-C384 
LTP1245S-C384-E
LTP1245V-C384-E
LTP1245U-S384-E 
LTP1245M-C384
LTP1245R-C384-E
LTP1245P-S384
LTP1245K-C384
LTP1245E-384A
LTP1245H-384
LTP1245N-S384
LTP1245T-S384-E


Similar Part No. - ACU6205A

ManufacturerPart #DatasheetDescription
logo
JSP Ltd.
ACU191-001-100 JSP-ACU191-001-100 Datasheet
118Kb / 5P
Hard Cap Knee Protectors
logo
ANADIGICS, Inc
ACU2109 ANADIGICS-ACU2109 Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
ACU2109S3 ANADIGICS-ACU2109S3 Datasheet
213Kb / 6P
CATV/TV Cable modem Upconverter MMIC
Rev 1
ACU2109S3C ANADIGICS-ACU2109S3C Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
ACU2109S3CTR ANADIGICS-ACU2109S3CTR Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
More results

Similar Description - ACU6205A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
LTPH245 SII-LTPH245 Datasheet
841Kb / 64P
LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
logo
Zilog, Inc.
ZHX1010 ZILOG-ZHX1010 Datasheet
515Kb / 18P
The ZiLOG ZHX1010 SIR transceiver is the ideal choice for applications in today ultra-compact and power-conscious portable products
logo
fujitsu semiconductor
FTP-637MCL103 FUJITSU-FTP-637MCL103 Datasheet
220Kb / 6P
HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
2??HIGH SPEED THERMAL PRINTER
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
2??HIGH SPEED THERMAL PRINTER
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
Portable Thermal Printer
logo
STMicroelectronics
AN2934 STMICROELECTRONICS-AN2934 Datasheet
1Mb / 27P
The new VIPer17 device is a converter that offers a PWM controller built in BCD6
27-Sep-2012
logo
Omron Electronics LLC
G9SA OMRON-G9SA_15 Datasheet
1Mb / 17P
The G9SA Series Offers a Complete Line-up of Compact Units
G9SA OMRON-G9SA Datasheet
1Mb / 16P
The G9SA Series Offers a Complete Line-up of Compact Units.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com