Electronic Components Datasheet Search
  English  ▼

X  

ATECC508 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ATECC508
Description  Arduino MKR WAN 1310
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATECC508 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ATECC508 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATECC508 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATECC508 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATECC508 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATECC508 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATECC508 Datasheet HTML 12Page - List of Unclassifed Manufacturers ATECC508 Datasheet HTML 13Page - List of Unclassifed Manufacturers ATECC508 Datasheet HTML 14Page - List of Unclassifed Manufacturers ATECC508 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Arduino MKR WAN 1310
7
FCC Caution
Any Changes or modifications not expressly approved by the party responsible for compliance could void
the user’s authority to operate the equipment.
This device complies with part 15 of the FCC Rules. Operation is subject to the following two conditions:
(1) This device may not cause harmful interference, and (2) this device must accept any interference
received, including interference that may cause undesired operation.
FCC RF Radiation Exposure Statement:
1. This Transmitter must not be co-located or operating in conjunction with any other antenna or
transmitter.
2. This equipment complies with RF radiation exposure limits set forth for an uncontrolled environment.
3. This equipment should be installed and operated with minimum distance 20cm between the
radiator& your body.
User manuals for licence-exempt radio apparatus shall contain the following or equivalent notice in a
conspicuous location in the user manual or alternatively on the device or both. This device complies with
Industry Canada licence-exempt RSS standard(s). Operation is subject to the following two conditions:
(1) this device may not cause interference, and
(2) this device must accept any interference, including interference that may cause undesired operation
of the device.
Le présent appareil est conforme aux CNR d’Industrie Canada applicables aux appareils radio exempts de
licence. L’exploitation est autorisée aux deux conditions suivantes :
(1) l’ appareil nedoit pas produire de brouillage, et
(2) l’utilisateur de l’appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est
susceptible d’en compromettre le fonctionnement.
IC SAR Waring :
This equipment should be installed and operated with minimum distance 20 cm between the radiator
and your body. Lors de l’ installation et de l’ exploitation de ce dispositif, la distance entre le radiateur et
le corps est d ’au moins 20 cm.
The operating temperature of the EUT can’t exceed 85℃ and shouldn’t be lower than -40℃.
Hereby, Arduino S.r.l. declares that this product is in compliance with essential requirements and other
relevant provisions of Directive 2014/53/EU. This product is allowed to be used in all EU member states.
Frequency bands
Maximum output power (ERP)
863-870Mhz
​-3.22dBm
13
​ / ​15
Arduino MKR WAN 1310 - 12/23/2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com