Electronic Components Datasheet Search
  English  ▼

X  

FS1000A Datasheet(PDF) 2 Page - Low Power Radio Solutions Ltd.

Part # FS1000A
Description  easyRadio Advanced ISM radio modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LPRS [Low Power Radio Solutions Ltd.]
Direct Link  https://lprs.co.uk/
Logo LPRS - Low Power Radio Solutions Ltd.

FS1000A Datasheet(HTML) 2 Page - Low Power Radio Solutions Ltd.

  FS1000A Datasheet HTML 1Page - Low Power Radio Solutions Ltd. FS1000A Datasheet HTML 2Page - Low Power Radio Solutions Ltd. FS1000A Datasheet HTML 3Page - Low Power Radio Solutions Ltd. FS1000A Datasheet HTML 4Page - Low Power Radio Solutions Ltd. FS1000A Datasheet HTML 5Page - Low Power Radio Solutions Ltd. FS1000A Datasheet HTML 6Page - Low Power Radio Solutions Ltd. FS1000A Datasheet HTML 7Page - Low Power Radio Solutions Ltd. FS1000A Datasheet HTML 8Page - Low Power Radio Solutions Ltd. FS1000A Datasheet HTML 9Page - Low Power Radio Solutions Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Datasheet Revision 3.4 April
Page 2 of 20
Copyright LPRS 2011 .
Contents
Changes to this document ................................................................................. 4
Terms and Conditions of Use............................................................................... 4
Introduction to easyRadio Advanced ........................................................................ 5
New features: ............................................................................................... 5
Basic Specifications ........................................................................................ 5
ERA400TRS/ERA900TRS Transceiver Description .......................................................... 6
Easy-Radio Transceiver Block Diagram................................................................... 6
Physical Dimensions ........................................................................................ 7
Pin Description (RAW RF Data mode) .................................................................... 8
ERAx00TS Transmitter...................................................................................... 9
Block Diagram ............................................................................................... 9
Physical Dimensions ........................................................................................ 9
Pin Description .............................................................................................. 9
Application & Operation ERx00TRS-03 .....................................................................10
Typical System Block Diagram ............................................................................10
Timing Specifications – Applies to all EasyRadio Advanced Modules. ...............................10
Absolute Maximum Ratings ERA400TRS & ERA900TRS....................................................11
Performance Data: ERAxxxTRS Supply +5.0 Volt ± 5%, Temperature 20° C ........................11
ERA400TRS Channel Frequencies vs Bandwidth Settings ................................................12
easyRadio Configuration Command Set ....................................................................13
RS232 Communication Settings...........................................................................13
RF POWER Settings .........................................................................................13
RF Channel Settings........................................................................................14
Bandwidth ...................................................................................................14
Band Plan....................................................................................................14
MISCELLANEOUS COMMANDS ..............................................................................14
TEST MODES .................................................................................................15
RAW Data Mode (TRS Only at time of print)...............................................................16
Notes: ...........................................................................................................17
RSSI...........................................................................................................17
PCB Layout ..................................................................................................17
Power Supply................................................................................................18
Antennas.....................................................................................................18
Product Order Codes..........................................................................................18
easyRadio Advanced Module Firmware Version ...........................................................19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com