Electronic Components Datasheet Search
  English  ▼

X  

925 Datasheet(PDF) 4 Page - MKS Instruments.

Part # 925
Description  MicroPirani™ Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

925 Datasheet(HTML) 4 Page - MKS Instruments.

  925 Datasheet HTML 1Page - MKS Instruments. 925 Datasheet HTML 2Page - MKS Instruments. 925 Datasheet HTML 3Page - MKS Instruments. 925 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
Ordering Code Example: 925-11030
Code
Configuration
925 MicroPirani
925-
925
Flange
KF16
KF25
1/8'' NPT-M
VCR4
VCR8
CF1.33
KF16 Extended
1
2
3
4
5
6
8
1
Interface
RS232/Analog
RS485/Analog
EtherCAT/Analog
1
2
7
1
Analog Out
Standard MKS
0
0
Connector Relays
D-Sub 9 pin male/One relay set point
D-Sub 15 pin HD male/No Relay
D-Sub 15 pin HD male/Three Relays
D-Sub 15 pin HD male/Three Relays/Dual Aout
1 (not available wth EtherCAT)
2
3 (not available wth EtherCAT)
5 (not available wth EtherCAT)
3
Enclosure
Standard/Viton Sealing
Standard/Viton Sealing/Display
0
4 (not available wth EtherCAT)
0
925 with Display
The optional integrated touch-screen display is user configurable; the
user can change pressure units, orientation and has access to set point
parameters as well as gas type. The display also indicates the status of the
available set point relays. Displayed reading can be seen from >5 meters
away on the high contrast display.
PDR900 Power Supply and Display
The PDR900 power supply and readout unit is a stand alone, single channel
controller for use with the Series 900 digital vacuum transducers. It can be
used as a stand-alone power supply readout unit or as a tool for configuration,
calibration and diagnostics of system integrated transducers in OEM
applications.
www.MKSINST.com
+1-978-645-5500 I +1-800-227-8766
MKS products provided subject to the US Export Regulations. Export, re-export, diversion or transfer contrary to US law (and local country law) is prohibited.
mksinst™ and MicroPirani™ are trademarks of MKS Instruments, Inc., VCR® is a registered trademark of Swagelok Co. Viton® is a registered trademark of E.I Dupont Co.,
Inc. EtherCAT® is a registered trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany. U.S. Patent No. 6,672,171. Other patents pending.
925_01/20
©2020 MKS Instruments, Inc.
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com