Electronic Components Datasheet Search
  English  ▼

X  

PM501 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PM501
Description  Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM501 Datasheet(HTML) 1 Page - Artesyn Technologies

  PM501 Datasheet HTML 1Page - Artesyn Technologies PM501 Datasheet HTML 2Page - Artesyn Technologies PM501 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PM500 INPUT VOLTAGE
SUFFIX
115±10VAC
(NONE)
220±20VAC
D
240±20VAC
K
VM500 Series only
VM534D INPUT VOLTAGE
SUFFIX
200 to 233VAC
D
OUTPUT SPECIFICATIONS
Voltage accuracy
±1.0% max.
Voltage adjustability
PM529 and PM563 only
Yes
Line regulation
See table
Load regulation
See table
Temperature coefficient
±0.02%/°C
Overvoltage protection
See table on facing
6.2V typical
page for relevant models
Output power limit
Typical
130% to 200% FL
Short circuit protection
Switch off/on
100% to 200% FL
INPUT SPECIFICATIONS
Input voltage range
See tables below
Input frequency range
PM500, See Note 3
47Hz to 400Hz
VM500
47Hz to 63Hz
Safety ground
Less than 3.5mA
leakage current
@ 50Hz
GENERAL SPECIFICATIONS
Efficiency
40% typical
Isolation voltage
PM series, no suffix
700VAC
PM series, suffix D
2500VAC
PM series, suffix K
2500VAC
VM534D
3000VAC
Switching frequency
Linear
Approvals and
Safety VM534D
IEC950
standards
Safety PM5xx CSA22.2-143/-154, UL478
Case material
Non-conductive
black plastic
Weight
Case A
181g (6.4oz)
Case B1 (incl. VM534D)
340g (12oz)
Case B2
408g (14.4oz)
Case B3
635g (22.4oz)
Case H
227g (8oz)
MTBF
See Note 4
710,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating amb.
–25°C to +71°C
Non-operating amb.
–25°C to +85°C
Derating, 50°C to 71°C
2.5%/°C
Cooling
Free-air convection
Relative Humidity
Non-condensing
20% to 95% RH
Vibration
Encapsulated
Recommended for new design-ins
PM500 and VM500 SERIES
Single, dual and triple output
[ 2 YEAR WARRANTY ]
• OVP on 5V outputs
• Split bobbin wound
• PCB mounting
• UL and CSA approved
• 115, 220 and 240VAC input
• Short circuit protection
• The VM500 Series has EN60950 approval
These encapsulated, PC-mountable linear power modules feature 23 single
output, 14 dual output and 13 triple output models for a wide variety of printed
circuit board applications. The 5V output of all models have overvoltage
crowbar protection as a standard feature. For maximum safety, all power
transformers are split bobbin wound, rather than layer wound, to give total
isolation with low coupling capacitance between primary and secondary.
Conservative design and rating of these modules results in reliable operation
and long life. Standard input voltage is 115VAC; other optional inputs are 220
and 240VAC. Most models are available in standard and alternate pin
configurations for second sourcing applications. This series includes 5 sub-
miniature modules for lower power applications where minimum circuit board
space is available.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1


Similar Part No. - PM501

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM501CE ARTESYN-PM501CE Datasheet
46Kb / 2P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
More results

Similar Description - PM501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1101 ETC1-TP1101 Datasheet
167Kb / 2P
25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
logo
Artesyn Technologies
PM300 ARTESYN-PM300 Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM300CE ARTESYN-PM300CE Datasheet
46Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM500CE ARTESYN-PM500CE Datasheet
46Kb / 2P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
Wall Industries,Inc.
LANEH WALL-LANEH Datasheet
293Kb / 4P
Single and Dual Output 1 Watt DC/DC Converter
PSASC WALL-PSASC Datasheet
146Kb / 3P
30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
1 Watt DC/DC Converter Single and Dual Output
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
1 Watt DC/DC Converter Single and Dual Output
logo
CINCON ELECTRONICS Corp...
CFM21 CINCON-CFM21 Datasheet
307Kb / 2P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M CINCON-CFM21M Datasheet
575Kb / 3P
20 WATT SINGLE OUTPUT AC-DC MODULES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com