Electronic Components Datasheet Search
  English  ▼

X  

PM595S Datasheet(PDF) 3 Page - Artesyn Technologies

Part # PM595S
Description  Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM595S Datasheet(HTML) 3 Page - Artesyn Technologies

  PM595S Datasheet HTML 1Page - Artesyn Technologies PM595S Datasheet HTML 2Page - Artesyn Technologies PM595S Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1.75
(44.5)
TRIM
0.80
(20.3)
1.80
(45.7)
AC
INSERT
4.40 THREAD
0.12 (3.0) DEEP
– OUT OUT +
AC
0.60
(15.2)
0.275
(7.1)
0.20 (5.1)
0.40
(10.2)
1.55
(39.4)
0.20
(5.1)
ALL DIMENSIONS IN INCHES (mm)
0.040 (1.0)
DIA. PINS
0.20
(5.1)
MIN.
2.00
(50.8)
TRIM
0.20
(5.1)
3.00
(76.2)
2.60
(66.0)
AC
INSERT
4.40 THREAD
0.12 (3.0) DEEP
– OUT
+ OUT
AC
1.60
(40.6)
1.00
(25.4)
0.040 (1.0) DIA. PINS
2.25
(57.2)
1.20
(30.5)
OR
R2
(20K
MIN.)
R1
(20K
MIN.)
– OUT
+ OUT
TRIM
SUB-MINIATURE
SERIES
0.50 (12.7)
AC
2.20
(55.9)
1.60
(40.6)
3.50
(88.9)
INSERT
4.40 THREAD
0.125 (3.2) DEEP
0.15
(3.8)
2.50
(63.5)
- OUT
OUT
0.60 (15.2)
NC
0.20
(5.1)
MIN.
0.50 (12.7)
0.60 (15.2)
1.60
(40.6)
1.62
(41.1)
0.88
(22.4)
0.040 (1.0)
DIA. PINS
B1 B2 B3
1.25
(31.8)
AC
0.50 (12.7)
0.50 (12.7)
0.20
(5.1)
MIN.
1.00
(25.4)
CASE A
CASE H
CASE B
2.00
(50.8)
ALL DIMENSIONS IN INCHES (mm)
CASE B
DUAL OUTPUT
MODELS
AC
AC
2.20
(55.9)
1.60
(40.6)
3.50
(88.9)
0.15
(3.8)
2.50
(63.5)
1.60
(40.6)
INSERTS
4.40 THREAD
0.125 (3.2) DEEP
2.20
(55.9)
AC
AC
1.60
(40.6)
3.50
(88.9)
0.15
(3.8)
2.50
(63.5)
1.60
(40.6)
INSERTS
4.40 THREAD
0.125 (3.2) DEEP
AC
AC
1.60
(40.6)
3.50
(88.9)
0.15
(3.8)
2.50
(63.5)
1.60
(40.6)
INSERTS
4.40 THREAD
0.125 (3.2) DEEP
1.62
(41.1)
0.040 (1.0)
DIA. PINS
B1
B2
B3
1.25
(31.8)
0.88
(22.4)
0.20
(5.1)
MIN.
CASE B
TRIPLE OUTPUT MODELS
STANDARD PINOUT
SIDE VIEW
CASE B
TRIPLE OUTPUT MODELS
ALTERNATE PINOUT SUFFIX '-S'
Single output PM500 series
Dual and triple output PM500 series
International Safety Standard Approvals
IEC950 Certificate No. IDP080 (VM534D only)
UL478 Reg. File No. E131987
CSA22.2-143 and -154 Reg. File No. LR59996
1 to 10.5 Watt
AC/DC encapsulated modules
AC/DC POWER SUPPLIES
|
1.0-10.5W AC
PAGE 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com