Electronic Components Datasheet Search
  English  ▼

X  

PM594 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PM594
Description  Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM594 Datasheet(HTML) 2 Page - Artesyn Technologies

  PM594 Datasheet HTML 1Page - Artesyn Technologies PM594 Datasheet HTML 2Page - Artesyn Technologies PM594 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT
OUTPUT
OVP
REGULATION
RIPPLE AND
CASE
AVAILABLE MODELS
VOLTAGE
CURRENT
LINE
LOAD
NOISE
110VAC
220VAC
240VAC
SINGLE OUTPUT
5VDC
250mA
Yes
±0.02%
±0.04%
1mV rms
B1
PM533D
5VDC
500mA
Yes
±0.02%
±0.04%
1mV rms
B1
PM534
PM534D
PM534K
5VDC
500mA
Yes
±0.02%
±0.04%
2.8mV rms
B1
VM534D
5VDC
1000mA
Yes
±0.02%
±0.04%
1mV rms
B2
PM542
PM542D
PM542K
5VDC
2000mA
Yes
±0.02%
±0.05%
1mV rms
B3
PM545
PM545D
PM545K
12VDC
240mA
No
±0.02%
±0.02%
0.5mV rms
B2
PM515
PM515D
12VDC
400mA
No
±0.02%
±0.02%
1mV rms
B3
PM516D
12VDC
600mA
No
±0.02%
±0.02%
1mV rms
B3
PM517D
24VDC
100mA
No
±0.02%
±0.02%
0.5mV rms
B2
PM566D
24VDC
200mA
No
±0.02%
±0.02%
0.5mV rms
B3
PM567D
24VDC
400mA
No
±0.02%
±0.02%
1mV rms
B3
PM568D
SUB MINIATURE SINGLE OUTPUT SERIES (1)
5VDC
250mA
No
±0.05%
±0.05%
0.5mV rms
H
PM529
PM529D
PM529K
12VDC
100mA
No
±0.02%
±0.02%
0.5mV rms
A
PM563
PM563D
DUAL OUTPUT
±12VDC
±120mA
No
±0.02%
±0.02%
0.5mV rms
B1
PM536
PM536D
±12VDC
±240mA
No
±0.02%
±0.02%
0.5mV rms
B2
PM537D
±12VDC
±400mA
No
±0.02%
±0.02%
0.5mV rms
B3
PM597
PM597D
PM597K
±15VDC
±25mA
No
±0.20%
±0.20%
2mV rms
B1
PM538
±15VDC
±100mA
No
±0.02%
±0.02%
0.5mV rms
B1
PM505
PM505D
±15VDC
±200mA
No
±0.02%
±0.02%
0.5mV rms
B2
PM565
PM565D
±15VDC
±350mA
No
±0.02%
±0.02%
1mV rms
B3
PM501
PM501D
PM501K
TRIPLE OUTPUT (2)
5V/±12VDC
300/±180mA
No
±0.02%
±.05%/±.02%
0.5mV rms
B2
PM595S
PM595DS
5V/±12VDC
500/±120mA
No
±0.02%
±.05%/±.02%
0.5mV rms
B2
PM591D
5V/±12VDC
1000/±150mA
Yes
±0.02%
±.01%/±.02%
1.0/0.5mV rms
B3
PM592
PM592D
5V/±15VDC
300/±150mA
Yes
±0.05%
±.10%/±.05%
0.5mV rms
B2
PM594
PM594DS
5V/±15VDC
500/±100mA
Yes
±0.05%
±.10%/±.05%
0.5mV rms
B2
PM590
PM590D
PM590K
5V/±15VDC
1000/±150mA
Yes
±0.02%
±.01%/±.02%
1.0/0.5mV rms
B3
PM593
PM593D
PM593K
Notes
1
Trim connection on all sub-miniature series modules provides a means of
externally adjusting a units output voltage precisely to its labelled value. To
raise the output voltage, connect a resistance (20k
Ω, min.) between the
trim terminal and the positive (+) output terminal. To lower the output
voltage, connect a resistance (20k
Ω, min.) between the trim terminal and
the negative (–) output terminal.
2
Triple output models only: on standard pin-out models the 5V output
common is isolated from the ±12VDC or ±15VDC common.
3
Some units should be derated for operation at 400Hz. Please contact the
factory for details.
4
M.T.B.F. figures are based on actual product performance. Consult factory
for details.
5
All models are only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
ALL DIMENSIONS IN INCHES (mm)
SINGLE OUTPUT MODEL
0.50 (12.7)
AC
AC
2.20
(55.9)
1.60
(40.6)
3.50
(88.9)
INSERTS
4.40 THREAD
0.125 (3.2) DEEP
0.15
(3.8)
2.50
(63.5)
- OUT
OUT
0.60 (15.2)
NC
0.20
(5.1)
MIN.
0.50 (12.7)
0.60 (15.2)
1.60
(40.6)
0.88
(22.4)
0.040 (1.0)
DIA. PINS
CASE
B1
VM534D
1 to 10.5 Watt
AC/DC encapsulated modules
AC/DC POWER SUPPLIES
|
1.0-10.5W AC
PAGE 2
http://www.artesyn.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com