Electronic Components Datasheet Search
  English  ▼

X  

PTH12030 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # PTH12030
Description  DC-DC CONVERTERS POLA Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12030 Datasheet(HTML) 3 Page - Artesyn Technologies

  PTH12030 Datasheet HTML 1Page - Artesyn Technologies PTH12030 Datasheet HTML 2Page - Artesyn Technologies PTH12030 Datasheet HTML 3Page - Artesyn Technologies PTH12030 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
File Name: pth12030.pdf Rev (07): 19 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
3
NEW Product
PTH12030
12 Vin single output
0
48
12
20
30
40
50
60
80
Nat Conv
100 LFM
200 LFM
400 LFM
90
70
16
20
24
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
1.2V
1.8V
2.5V
3.3V
5.0V
Vout
0
48
16
60
80
100
40
20
12
24
Figure 1 - Safe Operating Area
Vin = 12 V, Output Voltage = 3.3 V (See Note A)
Figure 2 - Efficiency vs Load Current
Vin = 12 V (See Note B)
N
No
otte
es
s
A
SOA curves represent the conditions at which internal components are
within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
11
12
13
PTH12030
(Top View)
2
1
3
6
5
4
8
10
7
9
Track
Margin Up
Margin Down
Vin
GND
Inhibit
Cin 560
µF
(Required)
RSET 0.5%, 0.1W
(Required)
L
O
A
D
Vout
Vo Sense
Cout 330
µF
(Optional)
GND
+
+
Figure 5 - Standard Application - All Models
PTH12030W Characteristic Data
0
510
20
30
40
50
60
80
Nat conv
100 LFM
200 LFM
400 LFM
15
90
70
20
25
OUTPUT CURRENT (A)
Figure 3 - Safe Operating Area for PTH12030L
Vin = 12 V, Output Voltage ≤ 1.8 V (See Note A)
OUTPUT CURRENT (A)
1.8V
1.5V
1.2V
1.0V
0.8V
50
60
70
80
90
100
0
5
10
15
20
25
Vout
Figure 4 - Efficiency vs Load Current for PTH12030L
Vin = 12 V (See Note B)
PTH12030L Characteristic Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com