Electronic Components Datasheet Search
  English  ▼

X  

PTH12020WAST Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PTH12020WAST
Description  DC-DC CONVERTERS POLA Non-isolated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12020WAST Datasheet(HTML) 1 Page - Artesyn Technologies

  PTH12020WAST Datasheet HTML 1Page - Artesyn Technologies PTH12020WAST Datasheet HTML 2Page - Artesyn Technologies PTH12020WAST Datasheet HTML 3Page - Artesyn Technologies PTH12020WAST Datasheet HTML 4Page - Artesyn Technologies PTH12020WAST Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC-DC CONVERTERS
POLA Non-isolated
1
NEW Product
File Name: pth12020.pdf Rev (07): 19 Dec 2005
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 560 µF, Cout = 0 µF
The PTH12020 is a next generation series of non-isolated dc-dc converters offering
some of the most advanced POL features available in the industry. The primary new
feature provides for sequencing between multiple modules, a function, which is
becoming a necessity for powering advanced silicon including DSP’s, FPGA’s and
ASIC’s requiring controlled power-up and power-down. Other industry leading
features include margin up/down controls and efficiencies up to 95%. The PTH12020
has an input voltage of 10.8 Vdc to 13.2 Vdc and offers a wide output voltage range
adjustable with external trim resistor, allowing for maximum design flexibility and a
pathway for future upgrades.
• 18 A output current
• 12 V input voltage
• Wide-output voltage adjust
• 1.2 Vdc to 5.5 Vdc for suffix ‘W’ and
0.8 Vdc to 1.8 Vdc for suffix ‘L’
• Auto-track™ sequencing*
• Margin up/down controls
• Efficiencies up to 95%
• Output ON/OFF inhibit
• Output voltage sense
• Point-of-Load-Alliance (POLA) compatible
• Available RoHS compliant
*Auto-track™ is a trade mark of
Texas Instruments
PTH12020
12 Vin single output
SPECIFICATIONS
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1,
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No.
US/8292/UL
OUTPUT SPECIFICATIONS
Voltage adjustability
Suffix ‘W’
1.2-5.5 Vdc
(See Note 4)
Suffix ‘L’
0.8V-1.8 Vdc
Setpoint accuracy
±2.0% Vo
Line regulation
±5 mV typ.
Load regulation
±5 mV typ.
Total regulation
±3.0% Vo
Minimum load
0 A
Ripple and noise
Suffix ‘W’
32 mV pk-pk
20 MHz bandwidth
Suffix ‘L’
1% Vo
Temperature co-efficient
-40 ºC to +85 ºC
±0.5% Vo
Transient response
70 µs recovery time
(See Note 5)
Overshoot/undershoot 130 mV
Margin adjustment
±5.0% Vo
INPUT SPECIFICATIONS
Input voltage range
(See Note 3)
10.8-13.2 Vdc
Input current
No load
10 mA typ.
Remote ON/OFF
(See Note 1)
Positive logic
Start-up time
1 V/ms
Undervoltage lockout
9.2-9.7 V typ.
Track input voltage
Pin 8 (See Note 6)
±0.3 Vin
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
See Efficiency Table on page 2
Insulation voltage
Non-isolated
Switching frequency
Suffix ‘W’
260 kHz to 380 kHz
Suffix ‘L’
200 kHz to 300 kHz
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
37.97 x 22.10 x 9.00 mm
1.495 x 0.870 x 0.354 in
Weight
7 g (0.25 oz)
MTBF
Telcordia SR-332
5,236,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
PROTECTION
Short-circuit
Auto reset
30 A typ.
Thermal
Auto recovery


Similar Part No. - PTH12020WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12020WAST TI-PTH12020WAST Datasheet
917Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Emerson Network Power
PTH12020WAST EMERSON-NETWORKPOWER-PTH12020WAST Datasheet
260Kb / 5P
DC-DC CONVERTERS
logo
Texas Instruments
PTH12020WAST TI1-PTH12020WAST Datasheet
936Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12020WAST TI2-PTH12020WAST Datasheet
884Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED MARCH 2009
PTH12020WAST.B TI2-PTH12020WAST.B Datasheet
884Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED MARCH 2009
More results

Similar Description - PTH12020WAST

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH03020 ARTESYN-PTH03020 Datasheet
204Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03030 ARTESYN-PTH03030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05010 ARTESYN-PTH05010 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05020 ARTESYN-PTH05020 Datasheet
205Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05030 ARTESYN-PTH05030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05060 ARTESYN-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH12050 ARTESYN-PTH12050 Datasheet
201Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH03020 EMERSON-NETWORKPOWER-PTH03020 Datasheet
204Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03030 EMERSON-NETWORKPOWER-PTH03030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03050 EMERSON-NETWORKPOWER-PTH03050 Datasheet
195Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com