Electronic Components Datasheet Search
  English  ▼

X  

NT71 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NT71
Description  Superminiature, low coil power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT71 Datasheet(HTML) 1 Page - DB Lectro Inc

  NT71 Datasheet HTML 1Page - DB Lectro Inc NT71 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Superminiature, low coil power consumption.
Switching capacity up to 15A.
PC board mounting.
Suitable for household electrical appliance, automation system, instrument and meter.
Ordering Information
NT71
C
S
10
DC12V
0.36
1
2
3
4
5
6
1 Part number:NT71(4123)
2 Contact arrangement:A:1A;B:1B;C:1C
3 Enclosure:S: Sealed type;NIL: Dust cover
4 Contact Current:5A,7A,10A,15A
5 Coil rated Voltage(V):DC:3,6,9,12,18,24,48
6 Coil power consumption:0.36:0.36W;0.45:0.45W
Contact Data
Contact Arrangement
1A(SPSTNO)
f1B(SPSTNC)f1C(SPDT(B-M))
Contact Material
Ag CdO
AgSnO2
Contact Rating (resistive)
5A,10A,15A/120VAC,28VDC; 5A;7A,10A/220VAC ;
Max. Switching Power
420W
1800VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
003-360
3
3.9
25
2.25
0.3
006-360
6
7.8
100
4.50
0.6
009-360
9
11.7
225
6.75
0.9
012-360
12
15.6
400
9.00
1.2
018-360
18
23.4
900
13.5
1.8
024-360
24
31.2
1600
18.0
2.4
048-360
48
62.4
6400
36.0
4.8
0.36
10
5
003-450
3
3.9
20
2.25
0.3
006-450
6
7.8
80
4.50
0.6
009-450
9
11.7
180
6.75
0.9
012-450
12
15.6
320
9.00
1.2
018-450
18
23.4
720
13.5
1.8
024-450
24
31.2
1280
18.0
2.4
048-450
48
62.4
5120
36.0
4.8
0.45
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
71
NT71 (N4123)
22.5
×16.5×16.5
on Pending
E158859
CH0077844
www.dblectro.com


Similar Part No. - NT71

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT71 DBLECTRO-NT71 Datasheet
520Kb / 2P
Suitable for household electrical appliances, automation system, instrument and meter
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
LCD driver
Rev1.0 2015/08/17
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
LCD driver
Rev1.0 2015/08/12
NT7108 NEOTEC-NT7108 Datasheet
121Kb / 22P
Dot matrix LCD segment driver with 64 channel output
12/11/2002
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
LCD driver
Rev1.0 2015/08/17
More results

Similar Description - NT71

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT73 DBLECTRO-NT73 Datasheet
314Kb / 2P
Superminiature, High power. / Low coil power consumption.
N4100 DBLECTRO-N4100 Datasheet
298Kb / 2P
Low coil power consumption.
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
Low coil power consumption
NT73 DBLECTRO-NT73_05 Datasheet
522Kb / 2P
Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
Low coil power consumption.
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
Low coil power consumption
logo
CIT Relay & Switch
A61CS12VDC.9 CIT-A61CS12VDC.9 Datasheet
111Kb / 2P
Low coil power consumption
J103 CIT-J103 Datasheet
112Kb / 3P
Low coil power consumption
J118 CIT-J118 Datasheet
113Kb / 2P
Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com