Electronic Components Datasheet Search
  English  ▼

X  

NG8N Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NG8N
Description  Switching capacity up to 25A motor lock load. / High performance PCB relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG8N Datasheet(HTML) 1 Page - DB Lectro Inc

  NG8N Datasheet HTML 1Page - DB Lectro Inc NG8N Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight.
Low coil consumption.
Switching capacity up to 25A motor lock load
High performance PCB relay
Suitable for household electrical appliance, automation system
Ordering Information
NG8N
1S
C
DC12V
0.80
1
2
3
4
5
1 Part number:NG8N
2 Sensitivity:1:Standard;1S:High sensitivity
1L:High temperature;
1H:High temperature/High sensitivity
3 Contact arrangement:C:1C
4 Coil rated Voltage(V):DC:12
5 Coil power consumption:0.64:0.64W;0.80:0.80W
Contact Data
Contact Arrangement
1C
SPDT(B-M)
Contact Material
Ag SnO
2
Contact Rating (resistive)
25A motor load (14VDC)
Max. Switching Power
480W
Max. Switching Voltage
16VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
250mV (at 10A
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation life
Mechanical
10
6
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Model
Rated
Max.
Coil resistance
±10%
Pickup
voltage
VDC(max)
release
voltage
VDC(min)
(8.3% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
1
12
16
225
7.2
1.0
0.64
1S
12
16
180
6.5
1.0
0.80
1L
12
16
225
7.2
1.0
0.64
IH
12
16
180
6.5
1.0
0.80
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
149
14.3
×7.5×13.8
on Pending
NG8 N
www.dblectro.com


Similar Part No. - NG8N

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NG8N DBLECTRO-NG8N Datasheet
293Kb / 2P
Suitable for household electrical appliance, automation system
logo
HuaXinAn Electronics CO...
NG8N HUAXINAN-NG8N Datasheet
308Kb / 1P
Small size, light weight
logo
DB Lectro Inc
NG8N1CDC12V0.64 DBLECTRO-NG8N1CDC12V0.64 Datasheet
293Kb / 2P
Suitable for household electrical appliance, automation system
NG8N1CDC12V0.80 DBLECTRO-NG8N1CDC12V0.80 Datasheet
293Kb / 2P
Suitable for household electrical appliance, automation system
NG8N1HCDC12V0.64 DBLECTRO-NG8N1HCDC12V0.64 Datasheet
293Kb / 2P
Suitable for household electrical appliance, automation system
More results

Similar Description - NG8N

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
Switching capacity up to 10A
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
Load capacity of up to 15A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
Contact load capacity up to 30A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
Contact load capacity up to 30A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
Contact load capacity up to 150A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com