Electronic Components Datasheet Search
  English  ▼

X  

NE720 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NE720
Description  Magnet latching relay.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NE720 Datasheet(HTML) 2 Page - DB Lectro Inc

  NE720 Datasheet HTML 1Page - DB Lectro Inc NE720 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 2000V
surge Voltage 2kV
50Hz 4000V
surge Voltage 12kV
Item 6 and 8 of IEC255-5
Item 6 and 8 of IEC255-5
Creepage distance
8.4mm
Addenda B of IEC255-5
Shock resistance
Functional 100m/s
2;Survival:1000 m/s2 11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N;
2.5N
hm
IEC68-2-21 Test Ua1and Ud
Solderability
235
’x2’ 3x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
82g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
CCEE
Load
100A/250VAC
Dimensions (Unit: mm)
3(-)
4(+)
2(-)
NE720
Dimensions
Mounting (Bottom views)
Wiring diagram
4
2(+)
3
mm
inch
0.4
0.016
0.6
0.024
0.7
0.027
5.0
0.197
6.0
0.236
6.16
0.243
11.0
0.433
12.0
0.472
13.0
0.512
14.5
0.571
15.0
0.597
19.2
0.756
22.0
0.866
36.1
1.441
40.0
1.575
44.35
1.746
45.0
1.772
47.5
1.870
60.0
2.362
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
3).Relays shall have plus(+) or plus(+) and minus(-) signs placed on
the circuit diagram as shown.
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com