Electronic Components Datasheet Search
  English  ▼

X  

NCF2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NCF2
Description  Low coil power consumption. / Operation noise: less than 5odb.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NCF2 Datasheet(HTML) 1 Page - DB Lectro Inc

  NCF2 Datasheet HTML 1Page - DB Lectro Inc NCF2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight.
Low coil power consumption.
Operation noise: less than 5odb.
PC board mounting.
Suitable for automobile, automation system, electronic equipment.
Ordering Information
NCF2
Q
2×
×
×
×1C
DC12V
1
2
3
4
1 Part number:NCF2
2 Noise:NIL: Standard;Q: Quiet
3 Contact arrangement:2×1C
4 Coil rated Voltage(V):DC:12
Contact Data
Contact Arrangement
2
y1C 2ySPDT(B-M)
H-Bridge
Contact Material
Ag SnO
2
Contact Rating (resistive)
NO
20A/14VDC
NC
10A/14VDC
Max. Switching Power
300W
Max. Switching Voltage
16VDC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil
voltage
VDC
Dash
numbers
Rated
Operating
Voltage
Range
VDC
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(60%of rated
voltage )
release
voltage
VDC(min)
(8% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
012-640
12
10-16
225
7.2
1.0
0.64
10
10
CAUTION: 1.The use of any coil voltage overstep operating voltage range of coil , it will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Sound Pre. Characteristics (Q type)
Operation noise
<50db
Coil
voltage :12VDC
121
NCF 2
22.5
×16.5×16.5
Patent No. 01210551.1
01310478.0
www.dblectro.com


Similar Part No. - NCF2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NCF2 DBLECTRO-NCF2 Datasheet
581Kb / 2P
Suitable for automobile, automation system, electronic equipment
logo
CIT Relay & Switch
NCF2 CIT-NCF2 Datasheet
252Kb / 3P
CIT SWITCH
logo
DB Lectro Inc
NCF22X1CDC12V DBLECTRO-NCF22X1CDC12V Datasheet
581Kb / 2P
Suitable for automobile, automation system, electronic equipment
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
Carbon Film Resistors
logo
NXP Semiconductors
NCF2940 NXP-NCF2940 Datasheet
224Kb / 5P
IC TRANSPONDER IMMOBILIZER PLLMC Security and convenience
September 2009
More results

Similar Description - NCF2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
N4100 DBLECTRO-N4100 Datasheet
298Kb / 2P
Low coil power consumption.
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
Low coil power consumption
NT73 DBLECTRO-NT73_05 Datasheet
522Kb / 2P
Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
Low coil power consumption.
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
Low coil power consumption
logo
SL Power Electronics
GB60S SLPOWER-GB60S Datasheet
2Mb / 7P
Less than 0.5W no-load Power Consumption
logo
CIT Relay & Switch
A61CS12VDC.9 CIT-A61CS12VDC.9 Datasheet
111Kb / 2P
Low coil power consumption
J103 CIT-J103 Datasheet
112Kb / 3P
Low coil power consumption
J118 CIT-J118 Datasheet
113Kb / 2P
Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com