Electronic Components Datasheet Search
  English  ▼

X  

LMC6035IMM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6035IMM
Description  Low Power 2.7V Single Supply CMOS Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6035IMM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC6035IMM Datasheet HTML 9Page - National Semiconductor (TI) LMC6035IMM Datasheet HTML 10Page - National Semiconductor (TI) LMC6035IMM Datasheet HTML 11Page - National Semiconductor (TI) LMC6035IMM Datasheet HTML 12Page - National Semiconductor (TI) LMC6035IMM Datasheet HTML 13Page - National Semiconductor (TI) LMC6035IMM Datasheet HTML 14Page - National Semiconductor (TI) LMC6035IMM Datasheet HTML 15Page - National Semiconductor (TI) LMC6035IMM Datasheet HTML 16Page - National Semiconductor (TI) LMC6035IMM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1.0 Application Notes (Continued)
Figure 4 shows the superior distortion performance of
LMC6035/6 over that of the benchmark op amp. The heavy
loading of the circuit causes the A
VOL of the benchmark part
to drop significantly which causes increased distortion.
1.2 APPLICATION CIRCUITS
1.2.1 Low-Pass Active Filter
A common application for low voltage systems would be
active filters, in cordless and cellular phones for example.
The ultra low input currents (I
IN) of the LMC6035/6 makes it
well suited for low power active filter applications, because it
allows the use of higher resistor values and lower capacitor
values. This reduces power consumption and space.
Figure 5 shows a low pass, active filter with a Butterworth
(maximally flat) frequency response. Its topology is a Sallen
and Key filter with unity gain. Note the normalized compo-
nent values in parenthesis which are obtainable from stan-
dard filter design handbooks. These values provide a 1Hz
cutoff frequency, but they can be easily scaled for a desired
cutoff frequency (f
c). The bold component values of Figure 5
provide a cutoff frequency of 3kHz. An example of the scal-
ing procedure follows Figure 5.
1.2.1.1 Low-Pass Frequency Scaling Procedure
The actual component values represented in bold of Figure 5
were obtained with the following scaling procedure:
1.
First determine the frequency scaling factor (FSF) for
the desired cutoff frequency. Choosing f
c at 3kHz, pro-
vides the following FSF computation:
FSF=2
π x 3kHz
(desired cutoff freq.) = 18.84 x 10
3
2.
Then divide all of the normalized capacitor values by the
FSF as follows:
C1’ = C
(Normalized)/FSF
C1’ =
0.707/18.84 x 10
3 = 37.93 x 10−6
C2’ = 1.414/18.84
x10
3 = 75.05 x 10−6
(C1’ and C2’: prior to impedance
scaling)
3.
Last, choose an impedance scaling factor (Z). This Z
factor can be calculated from a standard value for C2.
Then Z can be used to determine the remaining compo-
nent values as follows:
Z = C2’/C2
(chosen) = 75.05 x 10
−6/6.8nF = 8.4k
C1 = C1’/Z = 37.93 x 10
−6 /8.4k = 4.52nF
(Standard capacitor value chosen for C1 is 4.7nF )R1 =
R1
(normalized) x Z=1
Ω x 8.4k = 8.4kΩ
R2=R2
(normalized)
x Z=1
Ω x 8.4k = 8.4kΩ
(Standard value chosen for R1 and R2 is 8.45k
Ω )
1.2.2 High Pass Active Filter
The previous low-pass filter circuit of Figure 5 converts to a
high-pass active filter per Figure 6.
01283047
FIGURE 4. THD+Noise Performance of LMC6035 and
“Benchmark” per Circuit of Figure 1
01283048
FIGURE 5. 2-Pole, 3kHz, Active, Sallen and Key,
Lowpass Filter with Butterworth Response
01283049
FIGURE 6. 2 Pole, 300Hz, Sallen and Key,
High-Pass Filter
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com