Electronic Components Datasheet Search
  English  ▼

X  

UP03396 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # UP03396
Description  Silicon NPN, PNP epitaxial planar type (Tr1,2)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP03396 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  UP03396 Datasheet HTML 1Page - Panasonic Semiconductor UP03396 Datasheet HTML 2Page - Panasonic Semiconductor UP03396 Datasheet HTML 3Page - Panasonic Semiconductor UP03396 Datasheet HTML 4Page - Panasonic Semiconductor UP03396 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UP03396
3
SJJ00295AED
Characteristics charts of Tr1
IC  VCE
VCE(sat)  IC
hFE  IC
Cob  VCB
IO  VIN
VIN  IO
0
012
210
48
6
40
120
80
160
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= 1.0 mA
0.9 mA
0.8 mA
0.7 mA
0.6 mA
0.5 mA
0.4 mA
0.3 mA
0.2 mA
0.1 mA
Collector current I
C (mA)
IC / IB
= 10
1
10
100
−25°C
25
°C
Ta
= 85°C
0.01
0.1
1
0
0.1
100
50
150
200
250
300
110
1 000
100
Collector current IC (mA)
VCE
= 10 V
Ta
= 85°C
−25°C
25
°C
0
40
10
30
20
1
10
f = 1 MHz
Ta = 25
°C
Collector-base voltage V
CB (V)
0.1
1
10
100
1
1 000
34
25
Input voltage V
IN (V)
VO
= 5 V
Ta
= 25°C
0.1
1
100
VO
= 0.2 V
Ta
= 25°C
Output current I
O (mA)
10
0.1
10
100
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com