Electronic Components Datasheet Search
  English  ▼

X  

USB-RS485 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # USB-RS485
Description  Future Technology Devices International Ltd USB to RS485 Serial Converter Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-RS485 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  USB-RS485 Datasheet HTML 1Page - Future Technology Devices International Ltd. USB-RS485 Datasheet HTML 2Page - Future Technology Devices International Ltd. USB-RS485 Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-RS485 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-RS485 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-RS485 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-RS485 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-RS485 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-RS485 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright © 2010 Future Technology Devices International Limited
1
Document Reference No.: FT_000117
USB TO RS485 SERIAL CONVERTER CABLE Datasheet
Version 1.4
Clearance No.: FTDI
#75
1 Description
The USB-RS485 cable is a USB to RS485 levels serial UART converter cable incorporating FTDI‟s
FT232RQ USB to serial UART interface IC device which handles all the USB signalling and protocols. The
cable provides a fast, simple way to connect devices with a RS485 interface to USB.
Each USB-RS485 cable contains a small internal electronic circuit board, utilising the FT232R, which is
encapsulated into the USB connector end of the cable. The FT232R datasheet, DS_FT232R, is available at
http://www.ftdichip.com. The integrated electronics also include the RS485 transceiver plus Tx and Rx
LEDs which give a visual indication of traffic on the cable (if transparent USB connector specified).
The other end of the cable is bare, tinned wire ended connections by default, but can be customised
using different connectors to support various applications.
The USB-RS485 cable is designed for use at the end of an RS485 network up to approximately 10m. For
longer networks or placement of the USB-RS485 cable in the middle of an RS485 network it is
recommended that the attached wire is cut to 20cm or less to ensure signal integrity
Cables are FCC, CE, RoHS compliant.
The cable is USB powered and USB 2.0 full speed compatible. Each cable is 1.8m long and supports a
data transfer rate up to 3 Mbaud. Each cable supports the FTDIChip-ID™, with a unique USB serial
number programmed into the FT232R. This feature can be used to create a security or password
protected file transfer access using the cable. Further information and examples on this feature are
available at http://www.ftdichip.com under FTDIChip-ID Projects.
The USB-RS485 cables require USB drivers, available free from http://www.ftdichip.com, which are
used to make the FT232R in the cable appear as a virtual COM port (VCP). This then allows the user to
communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another
FTDI USB driver, the D2XX driver, can also be used with application software to directly access the
FT232R on the cable though a DLL. This is illustrated in the Figure 1.1
TTY
USB
USB_RS485
Virtual COM Port
Software application access to USB via D2XX
USB
TTY
Wire Ended
Customised connectors
Various Connector
Options
Wire Ended
Various Connector
Options
Customised connectors
Figure 1.1 Using the USB-RS485 Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com