Electronic Components Datasheet Search
  English  ▼

X  

EX6 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EX6
Description  ExaGrid Tiered Backup Storage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EX6 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EX6 Datasheet HTML 4Page - List of Unclassifed Manufacturers EX6 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX6 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX6 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX6 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX6 Datasheet HTML 9Page - List of Unclassifed Manufacturers EX6 Datasheet HTML 10Page - List of Unclassifed Manufacturers EX6 Datasheet HTML 11Page - List of Unclassifed Manufacturers EX6 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ExaGrid Detailed Product Description
7
Designed for Performance
Data Deduplication
ExaGrid’s innovative approach to data deduplication minimizes the amount of data to be stored by using
zone-level data deduplication across all received backups.
ExaGrid’s zone-level technology stores only the changed data at a granular level from backup to backup
instead of storing full copies. ExaGrid uses zone stamps and similarity detection.
This unique approach reduces the disk space required by an average of 20:1 and from 10:1 up to 50:1
depending on data type, retention and backup rotation delivering unparalleled performance for the fastest
backups and restores.
ExaGrid is the only vendor that allows backup applications such as Veeam and Commvault to keep their
deduplication turned on and then ExaGrid further deduplicates the data for increased storage efficiency.
Data Backup Performance
The ExaGrid system performs deduplication in parallel with backups by using idle system cycles. Termed
“adaptive deduplication,” this approach keeps deduplication out of the backup path, resulting in faster
backups and a shorter backup window. Adaptive Deduplication gives full system resources to backups for the
shortest backup window and uses idle cycles to perform deduplication and offsite replication, allowing data
to be replicated offsite for a strong offsite recovery point (RPO) for update to data for disaster recoveries.
ExaGrid supports data deduplication globally across all
targets and all appliances in a scale-out system. Global
deduplication ensures that all data is deduplicated regardless
of the number of targets and/or the number of appliances in a
system. In addition, global deduplication allows organizations
the flexibility to redirect backup jobs to any target, on any
appliance, at any time while maintaining data deduplication
globally across the entire system.
Once the backup job is complete and off the network, the
data is protected and immediately available to be restored.
When deduplication and replication are complete, the data
is ready for restore on the ExaGrid appliances at the disaster
recovery site. ExaGrid uses Adaptive Deduplication that avoids
the performance penalty of inline deduplication. ExaGrid
deduplicates in parallel with backups coming in but performs
no inline processing which allows for at least a 3X performance
advantage over inline deduplication appliances. As shown in
the diagram to the right, backup data is written directly from
the backup server to ExaGrid’s disk-cache Landing Zone at the
highest possible rate with no inline processing to interfere,
resulting in the shortest possible backup window.
Media
Server
Shortest
Backup
Window
Landing
Zone
Inline
ExaGrid
COMPUTE
HASH
HASH
COMPARE
BUCKETING
COMPRESSION
SPLITTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com