Electronic Components Datasheet Search
  English  ▼

X  

EX10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EX10
Description  ExaGrid Tiered Backup Storage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EX10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EX10 Datasheet HTML 1Page - List of Unclassifed Manufacturers EX10 Datasheet HTML 2Page - List of Unclassifed Manufacturers EX10 Datasheet HTML 3Page - List of Unclassifed Manufacturers EX10 Datasheet HTML 4Page - List of Unclassifed Manufacturers EX10 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX10 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX10 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX10 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ExaGrid Detailed Product Description
3
ExaGrid Technology Overview
Media
Server
Gigabit Ethernet
Ethernet
Connections
Virtualized Architecture
ExaGrid Appliances
ExaGrid Appliance GRID Nodes
Backup Jobs
ExaGrid Appliances Connect to Form a Single Scale-Out System
ExaGrid appliances are comprised of processors, memory, RAID6, and a hot spare drive per appliance, using
enterprise-class SAS drives and ExaGrid software. See the ExaGrid Technical Specifications data sheet for
more details.
Each appliance plugs in and is virtualized into a shared system with a single user interface, global
deduplication, and automatic load balancing. The media server is connected to the same network and sees
the appliances as one or more NAS shares, Veeam Data Mover targets, or Veritas NetBackup OST targets. Since
each appliance includes the appropriate amount of processor, memory, Landing Zone disk, deduplicated
repository disk, and bandwidth for the rated data size, performance increases as more appliances are added
to the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com