Electronic Components Datasheet Search
  English  ▼

X  

L6926D1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6926D1
Description  HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926D1 Datasheet(HTML) 1 Page - STMicroelectronics

  L6926D1 Datasheet HTML 1Page - STMicroelectronics L6926D1 Datasheet HTML 2Page - STMicroelectronics L6926D1 Datasheet HTML 3Page - STMicroelectronics L6926D1 Datasheet HTML 4Page - STMicroelectronics L6926D1 Datasheet HTML 5Page - STMicroelectronics L6926D1 Datasheet HTML 6Page - STMicroelectronics L6926D1 Datasheet HTML 7Page - STMicroelectronics L6926D1 Datasheet HTML 8Page - STMicroelectronics L6926D1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
L6926
November 2004
1
FEATURES
■
2V TO 5.5V BATTERY INPUT RANGE
■
HIGH EFFICIENCY: UP TO 95%
■
INTERNAL SYNCHRONOUS SWITCH
■
NO EXTERNAL SCHOTTKY REQUIRED
■
EXTREMELY LOW QUIESCENT CURRENT
■
1
µA MAX SHUTDOWN SUPPLY CURRENT
■
800mA MAX OUTPUT CURRENT
■
ADJUSTABLE OUTPUT VOLTAGE FROM 0.6V
■
LOW DROP-OUT OPERATION: UP TO100%
DUTY CYCLE
■
SELECTABLE LOW NOISE/LOW
CONSUMPTION MODE AT LIGHT LOAD
■
POWER GOOD SIGNAL
■
±1% OUTPUT VOLTAGE ACCURACY
■
CURRENT-MODE CONTROL
■
600kHz SWITCHING FREQUENCY
■
EXTERNALLY SYNCHRONIZABLE FROM
500kHz TO 1.4MHz
■
OVP
■
SHORT CIRCUIT PROTECTION
2
APPLICATIONS
■
BATTERY-POWERED EQUIPMENTS
■
PORTABLE INSTRUMENTS
■
CELLULAR PHONES
■
PDAs AND HAND HELD TERMINALS
■
DSC
■
GPS
3
DESCRIPTION
The device is dc-dc monolithic regulator specifically
designed to provide extremely high efficiency.
L6926 supply voltage can be as low as 2V allowing
its use in single Li-ion cell supplied applications. Out-
put voltage can be selected by an external divider
down to 0.6V. Duty Cycle can saturate to 100% al-
lowing low drop-out operation. The device is based
on a 600kHz fixed-frequency, current mode-architec-
ture. Low Consumption Mode operation can be se-
lected at light load conditions, allowing switching
losses to be reduced. L6926 is externally synchroni-
zable with a clock which makes it useful in noise-sen-
sitive applications. Other features like Powergood,
Overvoltage protection, Shortcircuit protection and
Thermal Shutdown (150°C) are also present.
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS
STEP DOWN REGULATOR
Figure 2. Application Test Circuit
L 6.8
µH
SYNC
LX
VFB
C1
10
µF
6.3V
C2
220pF
C4
10
µF
6.3V
R2
200K
R3
500K
R1
100K
VIN=2V to 5.5V
VOUT=1.8V
VCC
RUN
COMP
GND
PGOOD
D01IN1305
7
6
1
8
3
5
24
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
L6926
MSOP8 in Tube
L6926013TR
MSOP8 in Tape & Reel
L6926D1
VFSON-8 in Tube
L6926D1013TR
VFSON8 in Tape & Reel
VFSON8 (3x4.9x1mm)
MSOP8
Rev. 4


Similar Part No. - L6926D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6926D1 STMICROELECTRONICS-L6926D1 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6926D1013TR STMICROELECTRONICS-L6926D1013TR Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
More results

Similar Description - L6926D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2003
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
May-2003
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Rev. 2
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
High efficiency monolithic synchronous step down regulator
16-Sep-2008
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com