Electronic Components Datasheet Search
  English  ▼

X  

TSOP41 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP41
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP41 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP41 Datasheet HTML 1Page - Vishay Siliconix TSOP41 Datasheet HTML 2Page - Vishay Siliconix TSOP41 Datasheet HTML 3Page - Vishay Siliconix TSOP41 Datasheet HTML 4Page - Vishay Siliconix TSOP41 Datasheet HTML 5Page - Vishay Siliconix TSOP41 Datasheet HTML 6Page - Vishay Siliconix TSOP41 Datasheet HTML 7Page - Vishay Siliconix TSOP41 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 82138
Rev. 2, 15-Oct-2002
VISHAY
TSOP41..SS1BS12
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Electrical and Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (T
amb = 25°C unless otherwise specified)
Parameter
Test condition
Symbol
Value
Unit
Supply Voltage
(Pin 2)
VS
- 0.3 to +
6.0
V
Supply Current
(Pin 2)
IS
5
mA
Output Voltage
(Pin 1)
VO
- 0.3 to +
6.0
V
Output Current
(Pin 1)
IO
5
mA
Junction Temperature
Tj
100
°C
Storage Temperature Range
Tstg
- 25 to + 85
°C
Operating Temperature Range
Tamb
- 25 to + 85
°C
Power Consumption
(Tamb ≤ 85 °C)
Ptot
50
mW
Soldering Temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Supply Current (Pin 2)
VS = 5 V, Ev = 0
ISD
0.8
1.1
1.5
mA
VS = 5 V, Ev = 40 klx, sunlight
ISH
1.4
mA
Supply Voltage (Pin 2)
VS
4.5
5.5
V
Transmission Distance
Ev = 0, test signal see fig.3, IR
diode TSAL6200, IF = 250 mA
d
35
m
Output Voltage Low (Pin 1)
IOL = 0.5 mA,Ee = 0.7 mW/m
2, f =
fo, test signal see fig. 1
VOL
250
mV
Irradiance (30 - 40 kHz)
Pulse width tolerance: tpi - 5/fo < tpo
< tpi + 6/fo, test signal see fig.3
Ee min
0.2
0.4
mW/m2
Irradiance (56 kHz)
Pulse width tolerance: tpi - 5/fo < tpo
< tpi + 6/fo, test signal see fig.3
Ee min
0.3
0.5
mW/m
2
Irradiance
Test signal see fig. 1
Ee max
30
W/m
2
Directivity
Angle of half transmission distance
ϕ1/2
± 45
deg
Figure 1. Output Function
Ee
T
tpi *)
t
VO
VOH
VOL
tpo2)
t
14337
Optical Test Signal
(IR diode TSAL6200, IF=0.4 A, N=6 pulses, f=f0, T=10 ms)
Output Signal
td1)
1) 3/f0 < td < 9/f0
2)
tpi – 4/f0 < tpo < tpi + 6/f0
*) tpi w 6/fo is recommended for optimal function
Figure 2. Pulse Length and Sensitivity in Dark Ambient
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.1
1.0
10.0
100.0 1000.010000.0
Ee – Irradiance ( mW/m2 )
16907
Input Burst Duration
l = 950 nm,
optical test signal, fig.1
Output Pulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com