Electronic Components Datasheet Search
  English  ▼

X  

2139 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2139
Description  KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2139 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2139 Datasheet HTML 1Page - Molex Electronics Ltd. 2139 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-temperature nylon housing
Withstands lead-free high-
temperature solder processing up
to +260°C. Does not require the
drying needs of normal nylon
Optional MarKK terminal with four
points of contact
Supports up to 13.0A per circuit.
Ideal for higher power and high-
vibration applications
Polarized friction-lock header
Prevents mismating and ensures
secure mating
Standard KK header footprint
design
Allows for drop-in replacement on
existing header applications. Mates
with standard KK receptacles
Matte-tin over nickel plating
Inhibits tin whiskering
PCB receptacles are available in
standard KK® connectors
Ensures secure mating between
headers and receptacles
Tape-and-reel packaging with
pick-and-place caps available
Enables highly automated termination
processing and accurate PCB placement
Features and Benefits
KK® 396
Reflow Process
Compatible (RPC)
Connector System
171813 Vertical Header
171814 Right-Angle Header
KK® 396 RPC Vertical
and Right-Angle
Headers with Friction
Lock
Delivering 13.0A and 600V per circuit, the KK® 396 Reflow
Process Compatible (RPC) Connector System suports a
lead-free solder process and is ideal for low- to mid-power
wire-to-board and board-to-board applications
Electronics manufacturers are being driven by consumers and environmental
agencies to be environmentally conscious; one way to do so is to reduce
the amount of lead in components whenever possible. Removing lead from
the connector solder-paste process is one way to conform and adhere to
RoHS initiatives. KK® RPC connectors are lead-free and designed with high-
temperature nylon that can withstand temperatures up to +260°C while
maintaining the standard KK header footprint (lead-filled solder-paste-process
connectors withstand only up to +235°C).
Office Scanner
Home Appliances
Medical Equipment
Applications
Consumer
– Home appliances
– Washer/dryer
– Dishwashers
– Fire/smoke detectors
– HVAC
– Gaming
– Coin changers, ATM
– Gaming consoles
– Vending
– Voting machines
Data/Computing and
Telecommunications/Networking
– Scanners/multi-function machines
– Printers
– Workstations
– Mainframes
Medical
– Respirators
– Blood warming bags
Automotive
– Control modules
– Stereos


Similar Part No. - 2139

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2139 BELDEN-2139 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Abbatron All Rights Res...
2139 ABBATRON-2139 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Multicomp Pro
2139 MULTICOMP-2139 Datasheet
113Kb / 1P
AC Power Inlet
04/02/15 V1.1
logo
Molex Electronics Ltd.
2139 MOLEX-2139 Datasheet
115Kb / 4P
PCB Headers and Receptacles
Mar 06, 2025
2139 MOLEX-2139 Datasheet
46Kb / 1P
KK® Interconnect System - Molex
08/18/2016
More results

Similar Description - 2139

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC2835C-YDCW3 P-TEC-PLC2835C-YDCW3 Datasheet
2Mb / 17P
Compatible lead-free reflow soldering process
PLC2835C-YDNW2 P-TEC-PLC2835C-YDNW2 Datasheet
2Mb / 16P
Compatible lead-free reflow soldering process
PLC2835D-YDCW2 P-TEC-PLC2835D-YDCW2 Datasheet
2Mb / 17P
Compatible lead-free reflow soldering process
PLC2835A-YDCW3 P-TEC-PLC2835A-YDCW3 Datasheet
1Mb / 17P
Compatible lead-free reflow soldering process
PL00134-WCRB1811 P-TEC-PL00134-WCRB1811 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCRG0817 P-TEC-PL00134-WCRG0817 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCRG1825 P-TEC-PL00134-WCRG1825 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCRY1806 P-TEC-PL00134-WCRY1806 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCYG0617 P-TEC-PL00134-WCYG0617 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCBY1106 P-TEC-PL00134-WCBY1106 Datasheet
1Mb / 9P
Compatible with reflow solder process
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com