Electronic Components Datasheet Search
  English  ▼

X  

BL-F48 Datasheet(PDF) 1 Page - Tokyo Coil Engineering Co., LTD..

Part # BL-F48
Description  Choke coil
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TCE [Tokyo Coil Engineering Co., LTD..]
Direct Link  https://www.tokyocoil.com/
Logo TCE - Tokyo Coil Engineering Co., LTD..

BL-F48 Datasheet(HTML) 1 Page - Tokyo Coil Engineering Co., LTD..

  BL-F48 Datasheet HTML 1Page - Tokyo Coil Engineering Co., LTD..  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
:
Adhesives
 
: Solder
Unit
: mm
*1 Inductance is mesured at 1kHz,1V .
インダクタンス測定、1kHz、1V.
*2 DC Resistance is mesured at ambient temperature 20℃.
直流抵抗は周囲温度20℃において測定.
・ Halogen Free,100% Lead(Pb) Free and RoHS compliant.
・ハロゲンフリー、鉛フリー、RoHS対応.
・ Customized design is possible.
・カスタマイズ設計可
※This specification might be changed without notice due to under developing. Thank you for your understanding.
本仕様は開発中につき、製品の改善等により記載内容を予告無く変更することがありますので、ご了承下さい。
[mΩ]
*2
DC Resistance
Parts No.
Inductance
BL-F48
153±15%
374±15%
部品番号
インダクタンス
直流抵抗
[μH]
*1
DIMENSIONS / 外形寸法図
Electric performance / 電気的特性
Choke coil
BL-F48
FEATURES / 特長
(φ32.0)
5.5max
3.5+0.5
-1
φ1
8.0 +
0.5
-0
TOKYO COIL ENGINEERING CO.,LTD


Similar Part No. - BL-F48

ManufacturerPart #DatasheetDescription
logo
Tokyo Coil Engineering ...
BL-F40 TCE-BL-F40 Datasheet
184Kb / 1P
Choke coil
BL-F42 TCE-BL-F42 Datasheet
182Kb / 1P
Choke coil
BL-F44 TCE-BL-F44 Datasheet
184Kb / 1P
Choke coil
BL-F47 TCE-BL-F47 Datasheet
182Kb / 1P
Choke coil
BL-F49 TCE-BL-F49 Datasheet
184Kb / 1P
Choke coil
More results

Similar Description - BL-F48

ManufacturerPart #DatasheetDescription
logo
Tokyo Coil Engineering ...
BL-F23 TCE-BL-F23 Datasheet
183Kb / 1P
Choke coil
BL-F36A TCE-BL-F36A Datasheet
187Kb / 1P
Choke coil
BL-F37 TCE-BL-F37 Datasheet
184Kb / 1P
Choke coil
BL-F38 TCE-BL-F38 Datasheet
184Kb / 1P
Choke coil
BL-F40 TCE-BL-F40 Datasheet
184Kb / 1P
Choke coil
BL-F47 TCE-BL-F47 Datasheet
182Kb / 1P
Choke coil
BL-F51 TCE-BL-F51 Datasheet
185Kb / 1P
Choke coil
BL-F55 TCE-BL-F55 Datasheet
188Kb / 1P
Choke coil
BL-F9B TCE-BL-F9B Datasheet
182Kb / 1P
Choke coil
logo
DONG IL TECHNOLOGY LTD.
LB07097 DIT-LB07097 Datasheet
865Kb / 2P
CHOKE COIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com