Electronic Components Datasheet Search
  English  ▼

X  

RT55 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RT55
Description  Wirewound Rheostat/Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT55 Datasheet(HTML) 1 Page - Vishay Siliconix

  RT55 Datasheet HTML 1Page - Vishay Siliconix RT55 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
85
RT55, RTE55
Vishay Sfernice
Document Number: 50027
Revision 27-Jun-02
For technical questions, contact sfer@vishay.com
Wirewound Rheostat/Potentiometer
FEATURES
• 55 Watt at 25°C
• 40 Watt at 25°C
• CCTU 05-03B (PA3)
ADAPTATION BOARD
PANEL CUT OUT DETAILS
PANEL CUT OUT DETAILS
RT55-PA3
MECHANICAL SPECIFICATIONS
Mechanical Protection
RT55 vitreous
RTE55 lacquered
Mechanical Travel
300° ± 5°
Operating Torque
2 to 15 Ncm
End Stop Torque
100 Ncm
Unit Weight
175 g
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
RT55 – 55°C + 320°C
RTE55 – 55°C + 220°C
Climatic Category
CCTU 454
CEI 55/200/56
ELECTRICAL SPECIFICATIONS
Ohmic Range
RT55
1
Ω to 10kΩ
RTE55
> 10k
Ω to 28kΩ
Tolerance Standard
± 10%
Power Rating
RT55
55 W at 25°C
RTE55
40 W at 25°C
Variation Law
Standard
linear
On request
sectorial winding
Limiting Element Voltage
500V (linear Law)
Dielectric Strength
1000VRMS
Insulation Resistance
10
3M
Ω(500Vcc)
7.6
Ø 10.5
2 holes Ø 5
23.5
23.5
Ø 4.5
12.5 ± 0.5
Ø 10.5
DIMENSIONS in millimeters
6 - 0 ,05
+
38
60
2,5
60
Screw M3
36
4
- 0
M10 x 0 ,75
9
1
15
AS
+
+
39
25
2
Mounting side


Similar Part No. - RT55

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT55 VISHAY-RT55 Datasheet
113Kb / 4P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT55 VISHAY-RT55 Datasheet
98Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT55 VISHAY-RT55 Datasheet
81Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Richtek Technology Corp...
RT5508 RICHTEK-RT5508 Datasheet
2Mb / 57P
Speaker Amplifier with Speaker Protection
RT5508WSC RICHTEK-RT5508WSC Datasheet
2Mb / 57P
Speaker Amplifier with Speaker Protection
More results

Similar Description - RT55

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT230 VISHAY-RT230_08 Datasheet
120Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT12 VISHAY-RT12_16 Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT230 VISHAY-RT230_16 Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com